Electronic Components Datasheet Search
  English  ▼

X  

MJD243 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJD243
Description  Complementary Silicon Plastic Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD243 Datasheet(HTML) 1 Page - ON Semiconductor

  MJD243 Datasheet HTML 1Page - ON Semiconductor MJD243 Datasheet HTML 2Page - ON Semiconductor MJD243 Datasheet HTML 3Page - ON Semiconductor MJD243 Datasheet HTML 4Page - ON Semiconductor MJD243 Datasheet HTML 5Page - ON Semiconductor MJD243 Datasheet HTML 6Page - ON Semiconductor MJD243 Datasheet HTML 7Page - ON Semiconductor MJD243 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2011
January, 2011 − Rev. 12
1
Publication Order Number:
MJD243/D
MJD243 (NPN),
MJD253 (PNP)
Complementary Silicon
Plastic Power Transistor
DPAK−3 for Surface Mount Applications
Designed for low voltage, low−power, high−gain audio amplifier
applications.
Features
• Collector−Emitter Sustaining Voltage −
VCEO(sus) = 100 Vdc (Min) @ IC
= 10 mAdc
• High DC Current Gain −
hFE = 40 (Min) @ IC
= 200 mAdc
= 15 (Min) @ IC = 1.0 Adc
• Lead Formed for Surface Mount Applications in Plastic Sleeves
(No Suffix)
• Straight Lead Version in Plastic Sleeves (“−1” Suffix)
• Low Collector−Emitter Saturation Voltage −
VCE(sat) = 0.3 Vdc (Max) @ IC
= 500 mAdc
= 0.6 Vdc (Max) @ IC = 1.0 Adc
• High Current−Gain − Bandwidth Product −
fT = 40 MHz (Min) @ IC
= 100 mAdc
• Annular Construction for Low Leakage −
ICBO = 100 nAdc @ Rated VCB
• Epoxy Meets UL 94 V−0 @ 0.125 in
• ESD Ratings: Human Body Model, 3B u 8000 V
Machine Model, C
u 400 V
• These are Pb−Free Packages
DPAK−3
CASE 369D
STYLE 1
4.0 A, 100 V, 12.5 W
POWER TRANSISTOR
MARKING DIAGRAMS
A
= Assembly Location
Y
= Year
WW = Work Week
x
= 4 or 5
G
= Pb−Free Package
DPAK−3
CASE 369C
STYLE 1
http://onsemi.com
AYWW
J2x3G
1 2
3
4
1
2
3
Base
Collector
Emitter
4
AYWW
J253G
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MJD243

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD243 MOTOROLA-MJD243 Datasheet
209Kb / 6P
NPN SILICON POWER TRANSISTOR 4 AMPERES 100 VOLTS 12.5 WATTS
logo
ON Semiconductor
MJD243 ONSEMI-MJD243 Datasheet
124Kb / 8P
Complementary Silicon Plastic Power Transistor
March, 2004 ??Rev. 8
MJD243 ONSEMI-MJD243 Datasheet
98Kb / 8P
Complementary Silicon Plastic Power Transistor DPAK-3 for Surface Mount Applications
March, 2007 ??Rev. 10
MJD243 ONSEMI-MJD243 Datasheet
168Kb / 8P
Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
MJD243 ONSEMI-MJD243 Datasheet
168Kb / 8P
Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
More results

Similar Description - MJD243

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD253 ONSEMI-MJD253 Datasheet
124Kb / 8P
Complementary Silicon Plastic Power Transistor
March, 2004 ??Rev. 8
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
logo
First Components Intern...
TIP31 FCI-TIP31 Datasheet
49Kb / 1P
Complementary Silicon Plastic Power Transistor
TIP35 FCI-TIP35 Datasheet
49Kb / 1P
Complementary Silicon Plastic Power Transistor
TIP36 FCI-TIP36 Datasheet
49Kb / 1P
Complementary Silicon Plastic Power Transistor
TIP41 FCI-TIP41 Datasheet
50Kb / 1P
Complementary Silicon Plastic Power Transistor
TIP41CST FCI-TIP41CST Datasheet
56Kb / 1P
Complementary Silicon Plastic Power Transistor
TIP115 FCI-TIP115 Datasheet
49Kb / 1P
Plastic Medium-Power Complementary Silicon Transistor
TIP120 FCI-TIP120 Datasheet
49Kb / 1P
Plastic Medium Power Complementary Silicon Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com