Electronic Components Datasheet Search
  English  ▼

X  

MJD243 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJD243
Description  Complementary Silicon Plastic Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD243 Datasheet(HTML) 4 Page - ON Semiconductor

  MJD243 Datasheet HTML 1Page - ON Semiconductor MJD243 Datasheet HTML 2Page - ON Semiconductor MJD243 Datasheet HTML 3Page - ON Semiconductor MJD243 Datasheet HTML 4Page - ON Semiconductor MJD243 Datasheet HTML 5Page - ON Semiconductor MJD243 Datasheet HTML 6Page - ON Semiconductor MJD243 Datasheet HTML 7Page - ON Semiconductor MJD243 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MJD243 (NPN), MJD253 (PNP)
http://onsemi.com
4
IC, COLLECTOR CURRENT (AMP)
IC, COLLECTOR CURRENT (AMP)
Figure 4. DC Current Gain
Figure 5. “On” Voltages
IC, COLLECTOR CURRENT (AMP)
200
500
0.06
0.1
0.4
4.0
0.04
100
70
50
20
0.2
5.0
1.0
2.0
0.6
25
°C
TJ = 150°C
-55
°C
IC, COLLECTOR CURRENT (AMP)
1.4
1.2
0.8
0.4
0
TJ = 25°C
NPN
MJD243
PNP
MJD253
100
200
70
50
30
20
2.0
25
°C
TJ = 150°C
-55
°C
VCE = 1.0 V
VCE = 2.0 V
VCE(sat)
VBE @ VCE = 1.0 V
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
IC/IB = 10
VBE @ VCE = 1.0 V
VCE = 1.0 V
VCE = 2.0 V
7.0
10
30
300
0.04 0.06
0.1
0.4
4.0
0.2
1.0
2.0
0.6
0.06
0.1
0.4
4.0
0.04
0.2
1.0
2.0
0.6
0.04 0.06
0.1
0.4
4.0
0.2
1.0
2.0
0.6
1.0
0.6
0.2
1.4
1.2
0.8
0.4
1.0
0.6
0.2
3.0
5.0
7.0
10
5.0
IC/IB = 10
VCE(sat)
5.0
VBE(sat) @ IC/IB = 10
IC, COLLECTOR CURRENT (AMP)
IC, COLLECTOR CURRENT (AMP)
Figure 6. Temperature Coefficients
0.04
qVB FOR VBE
-1.0
-1.5
-2.0
-2.5
25
°C to 150°C
-55
°C to 25°C
+2.5
+2.0
+1.5
+1.0
0
-0.5
-1.0
-1.5
-2.0
+0.5
-2.5
*APPLIES FOR IC/IB ≤ hFE/3
25
°C to 150°C
-55
°C to 25°C
25
°C to 150°C
-55
°C to 25°C
0.06
0.1
0.4
4.0
0.2
1.0
2.0
0.6
0.04 0.06
0.1
0.4
4.0
0.2
1.0
2.0
0.6
qVB FOR VBE
*
qVC FOR VCE(sat)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com