Electronic Components Datasheet Search
  English  ▼

X  

MJD243G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJD243G
Description  Complementary Silicon Plastic Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD243G Datasheet(HTML) 2 Page - ON Semiconductor

  MJD243G Datasheet HTML 1Page - ON Semiconductor MJD243G Datasheet HTML 2Page - ON Semiconductor MJD243G Datasheet HTML 3Page - ON Semiconductor MJD243G Datasheet HTML 4Page - ON Semiconductor MJD243G Datasheet HTML 5Page - ON Semiconductor MJD243G Datasheet HTML 6Page - ON Semiconductor MJD243G Datasheet HTML 7Page - ON Semiconductor MJD243G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MJD243 (NPN), MJD253 (PNP)
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Base Voltage
VCB
100
Vdc
Collector−Emitter Voltage
VCEO
100
Vdc
Emitter−Base Voltage
VEB
7.0
Vdc
Collector Current
−Continuous
−Peak
IC
4.0
8.0
Adc
Base Current
IB
1.0
Adc
Total Device Dissipation @ TC = 25°C
Derate above 25°C
PD
12.5
0.1
W
W/°C
Total Device Dissipation @ TA = 25°C (Note 1)
Derate above 25°C
PD
1.4
0.011
W
W/°C
Operating and Storage Junction Temperature Range
TJ, Tstg
−65 to + 150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance,
Junction−to−Case
Junction−to−Ambient (Note 2)
RqJC
RqJA
10
89.3
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. When surface mounted on minimum pad sizes recommended.
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 3)
(IC = 10 mAdc, IB = 0)
VCEO(sus)
100
−
Vdc
Collector Cutoff Current
(VCB = 100 Vdc, IE = 0)
(VCB = 100 Vdc, IE = 0, TJ = 125°C)
ICBO
−
−
100
100
nAdc
mAdc
Emitter Cutoff Current
(VBE = 7.0 Vdc, IC = 0)
IEBO
−
100
nAdc
DC Current Gain (Note 3)
(IC = 200 mAdc, VCE = 1.0 Vdc)
(IC = 1.0 Adc, VCE = 1.0 Vdc)
hFE
40
15
180
−
−
Collector−Emitter Saturation Voltage (Note 3)
(IC = 500 mAdc, IB = 50 mAdc)
(IC = 1.0 Adc, IB = 100 mAdc)
VCE(sat)
−
−
0.3
0.6
Vdc
Base−Emitter Saturation Voltage (Note 3)
(IC = 2.0 Adc, IB = 200 mAdc)
VBE(sat)
−
1.8
Vdc
Base−Emitter On Voltage (Note 3)
(IC = 500 mAdc, VCE = 1.0 Vdc)
VBE(on)
−
1.5
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product (Note 4)
(IC = 100 mAdc, VCE = 10 Vdc, ftest = 10 MHz)
fT
40
−
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
Cob
−
50
pF
2. When surface mounted on minimum pad sizes recommended.
3. Pulse Test: Pulse Width = 300 ms, Duty Cycle [ 2%.
4. fT = ⎪hFE⎪• ftest.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com