Electronic Components Datasheet Search
  English  ▼

X  

MJD243G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJD243G
Description  Complementary Silicon Plastic Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD243G Datasheet(HTML) 3 Page - ON Semiconductor

  MJD243G Datasheet HTML 1Page - ON Semiconductor MJD243G Datasheet HTML 2Page - ON Semiconductor MJD243G Datasheet HTML 3Page - ON Semiconductor MJD243G Datasheet HTML 4Page - ON Semiconductor MJD243G Datasheet HTML 5Page - ON Semiconductor MJD243G Datasheet HTML 6Page - ON Semiconductor MJD243G Datasheet HTML 7Page - ON Semiconductor MJD243G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MJD243 (NPN), MJD253 (PNP)
http://onsemi.com
3
25
25
T, TEMPERATURE (
°C)
0
50
75
100
125
150
15
10
TC
5
20
2.5
0
1.5
1
TA
0.5
2
TC
TA (SURFACE MOUNT)
Figure 1. Power Derating
Figure 2. Active Region Maximum
Safe Operating Area
10
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
0.01
100
2
5
0.1
BONDING WIRE LIMITED
THERMALLY LIMITED @ TC = 25°C
(SINGLE PULSE)
SECOND BREAKDOWN LIMITED
CURVES APPLY BELOW
RATED VCEO
500
ms
dc
1
1ms
50
20
10
5
2
1
100
ms
0.02
0.05
0.2
0.5
5ms
There are two limitations on the power handling ability of a transistor: average junction temperature and second breakdown.
Safe operating area curves indicate IC − VCE limits of the transistor that must be observed for reliable operation; i.e., the
transistor must not be subjected to greater dissipation than the curves indicate.
The data of Figure 2 is based on TJ(pk) = 150°C; TC is variable depending on conditions. Second breakdown pulse limits
are valid for duty cycles to 10% provided TJ(pk) v 150°C. TJ(pk) may be calculated from the data in Figure 3. At high case
temperatures, thermal limitations will reduce the power that can be handled to values less than the limitations imposed by
second breakdown.
t, TIME (ms)
0.01
0.02
0.05
1
2
5
10
20
50
100
200
0.1
0.5
0.2
1
0.2
0.1
0.05
RqJC(t) = r(t) qJC
RqJC = 10°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) qJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.2
0.5
D = 0.5
0.05
0.3
0.7
0.07
0.03
0.02
0 (SINGLE PULSE)
Figure 3. Thermal Response
0.1
0.02
0.01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com