Electronic Components Datasheet Search
  English  ▼

X  

1EDP Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1EDP
Description  PC Board Mountable General Purpose RFI Filters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1EDP Datasheet(HTML) 1 Page - Tyco Electronics

  1EDP Datasheet HTML 1Page - Tyco Electronics 1EDP Datasheet HTML 2Page - Tyco Electronics 1EDP Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
21
EBP, EDP & EOP Series
PC Board Mountable General Purpose RFI Filters
1
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
EOP Series
Maximum leakage current each Line to Ground:
EDP/EOP
EBP
@ 120 VAC 60 Hz:
.22 mA
.13 mA
@250 VAC 50 Hz:
.38 mA
.21 mA
Hipot rating (one minute):
Line to Ground:
2250 VDC
Line to Line:
1450 VDC
Rated Voltage (max):
250 VAC
Operating Frequency:
50/60 Hz
Rated Current:
1 to 10A
Operating Ambient Temperature Range
(at rated current Ir):
-10°C to +40°C
In an ambient temperature (Ta) higher than +40°C
the maximum operating current (Io) is calculated as
follows: Io = Ir (85-Ta)/45
• Enhanced differential mode performance
• Low leakage current
• Cost-effective
Ordering Information
6 EDP
EBP Series
Compact Size
EDP Series
Enhanced Performance
EOP Series
General Performance
Current Rating
1, 3, 6 or 10A
Specifications
Electrical Schematic
LINE
LOAD
UL Recognized*
CSA Certified*
VDE Approved*
Available Part Numbers
1EBP
3EBP
1EDP
1EOP
3EDP
3EOP
6EDP
6EOP
10EDP
10EOP
• General purpose
• Low leakage current
• Cost-effective
EDP Series
EBP Series
• General purpose
• Low leakage current
• Cost-effective
• Compact size
EDP & EOP
LINE
LOAD
EBP
*EBP models are approved to VDE standards only
1EDP / 1EOP
1EBP


Similar Part No. - 1EDP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1EDP MACOM-1EDP Datasheet
73Kb / 2P
PC Board Mountable RFI Filters for General Purpose Applications
1EDP MACOM-1EDP Datasheet
481Kb / 2P
High Performance Compact RFI Power Line Filters with IEC Connectors
More results

Similar Description - 1EDP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1EDP MACOM-1EDP Datasheet
73Kb / 2P
PC Board Mountable RFI Filters for General Purpose Applications
BLF820 MACOM-BLF820 Datasheet
39Kb / 1P
surface Mountable RFI Filters
3EXP MACOM-3EXP Datasheet
431Kb / 2P
PC Board Mountable RFI Power Line Filters for Emission Control Applications
3EXP MACOM-3EXP_11 Datasheet
190Kb / 4P
Chassis or PC Board Mountable Power Line Filters for Emission Control
logo
TE Connectivity Ltd
1210 TEC-1210 Datasheet
211Kb / 7P
PC Board Mountable Pressure Sensor
1210-1PSI TEC-1210-1PSI Datasheet
207Kb / 7P
PC Board Mountable Pressure Sensor
1230 TEC-1230 Datasheet
183Kb / 5P
PC Board Mountable Pressure Sensor
MS4426 TEC-MS4426 Datasheet
156Kb / 6P
PC Board Mountable Pressure Sensor
3255A TEC-3255A Datasheet
168Kb / 3P
PC Board Mountable Accelerometer
3EXP TEC-3EXP Datasheet
190Kb / 4P
Chassis or PC Board Mountable Power Line Filters for Emission Control
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com