Electronic Components Datasheet Search
  English  ▼

X  

1EDP Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1EDP
Description  PC Board Mountable General Purpose RFI Filters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1EDP Datasheet(HTML) 2 Page - Tyco Electronics

  1EDP Datasheet HTML 1Page - Tyco Electronics 1EDP Datasheet HTML 2Page - Tyco Electronics 1EDP Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
22
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
EBP, EDP, EOP Series
PC Board Mountable General Purpose RFI Filters (continued)
Case Styles
EBP
C
A
B
.35
8.97
Max.
.787
20.00
.394
10.00
.590
15.0
.098
2.5
.098
2.5
LINE
LOAD



Part No.
AB
C



EBP






EDP






EOP






Case Dimensions
EDP / EOP
C
A
B
.35
8.97
Max.
.295 ± .006
7.50 ± .15
.31 ± .02
7.87 ± .5
.591 ± .006
15.00 ± .15
.36 ± .02
9.10 ± .5
.689 ± .006
17.50 ± .15
LINE
LOAD



Performance Data
Typical Insertion Loss
Common Mode / Asymmetrical (L-G)
Differential Mode / Symmetrical (L-L)
Measured in closed 50 Ohm system
1EBP
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
3EBP
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com