Electronic Components Datasheet Search
  English  ▼

X  

6EDL1SC Datasheet(PDF) 1 Page - Tyco Electronics

Part # 6EDL1SC
Description  Dual Configuration Power Entry Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6EDL1SC Datasheet(HTML) 1 Page - Tyco Electronics

  6EDL1SC Datasheet HTML 1Page - Tyco Electronics 6EDL1SC Datasheet HTML 2Page - Tyco Electronics 6EDL1SC Datasheet HTML 3Page - Tyco Electronics 6EDL1SC Datasheet HTML 4Page - Tyco Electronics 6EDL1SC Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
L Series
L Series
Dual Configuration Power Entry Module
3
175
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
UL Recognized
CSA Certified
VDE Approved
Ordering Information
6 E D L 1 S C M
Fuseholder Type (pre-installed)
M – Metric
Omit for North American
Mounting Type
C– Snap-In
Omit for flange mount
Switch Option
S – DPST on/off switch
Omit for none
Voltage Selection Positions
1 or 4
L Series
Filter Type
D – General Purpose
H – Medical
omit for none
Leakage current designation
E – Low Leakage (<0.5 mA)
Current Rating
2, 4 or 6A
EDL1S / EHL1S
Maximum leakage current each Line to Ground:
DL Models
HL Models
@ 120 VAC 60 Hz:
.25 mA
2
A
@ 250 VAC 50 Hz:
.50 mA
5
A
Hipot rating (one minute):
Line to Ground:
2250 VDC
Line to Line:
1450 VDC
Operating Voltage:
1S & 1SC models (fixed):
250 VAC max.
4 & 4C Suffix:
100, 120, 220 or 240 VAC.
Operating Frequency:
50/60 Hz
Rated Current:
2 to 6A
Required Fuse(s):
North American:
one .25 x 1.25”(not included)
Metric:
two 5 x 20mm (not included)
Switch:
DPST
10,000 operations at 51A max. inrush
Specifications
EDL4C / EHL4C
• Power entry module with switch or fuse
• For 10A capability and high performance filtering
see the P Series on page 192
• Two element circuit provides extended EMI
attenuation similar to EAB inlet filter
• North American or metric fuse holders
• Available with minimal leakage current for medical
applications (HL models)


Similar Part No. - 6EDL1SC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6EDL1SC MACOM-6EDL1SC Datasheet
105Kb / 4P
Power Entry Module with RFI Power Line Filter for General or Medical Applications
logo
TE Connectivity Ltd
6EDL1SC TEC-6EDL1SC Datasheet
312Kb / 5P
Dual Configuration Power Entry Module
logo
Tyco Electronics
6EDL1SCM MACOM-6EDL1SCM Datasheet
105Kb / 4P
Power Entry Module with RFI Power Line Filter for General or Medical Applications
logo
TE Connectivity Ltd
6EDL1SCM TEC-6EDL1SCM Datasheet
312Kb / 5P
Dual Configuration Power Entry Module
More results

Similar Description - 6EDL1SC

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-31201 RHOMBUS-IND-T-31201 Datasheet
30Kb / 1P
Single Configuration / Dual Configuration
logo
Tyco Electronics
1CHE1 MACOM-1CHE1_11 Datasheet
420Kb / 4P
Power Entry Module with Switch
logo
TE Connectivity Ltd
1CHE1 TEC-1CHE1 Datasheet
420Kb / 4P
Power Entry Module with Switch
6EL1S TEC-6EL1S Datasheet
312Kb / 5P
Dual Configuration Power Entry Module
logo
Delta Electronics, Inc.
06AK5 DELTA-06AK5 Datasheet
621Kb / 2P
POWER ENTRY MODULE EMI FILTERS
06SB3M DELTA-06SB3M Datasheet
1Mb / 2P
POWER ENTRY MODULE FILTERS
10EK3M DELTA-10EK3M Datasheet
92Kb / 2P
POWER ENTRY MODULE FILTERS
10NB3M DELTA-10NB3M Datasheet
1Mb / 2P
POWER ENTRY MODULE FILTERS
logo
Schurter Inc.
DG12-IP40 SCHURTER-DG12-IP40 Datasheet
444Kb / 1P
Power Entry Module
DG12-IP65 SCHURTER-DG12-IP65 Datasheet
438Kb / 1P
Power Entry Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com