Electronic Components Datasheet Search
  English  ▼

X  

6EDL1SC Datasheet(PDF) 3 Page - Tyco Electronics

Part # 6EDL1SC
Description  Dual Configuration Power Entry Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6EDL1SC Datasheet(HTML) 3 Page - Tyco Electronics

  6EDL1SC Datasheet HTML 1Page - Tyco Electronics 6EDL1SC Datasheet HTML 2Page - Tyco Electronics 6EDL1SC Datasheet HTML 3Page - Tyco Electronics 6EDL1SC Datasheet HTML 4Page - Tyco Electronics 6EDL1SC Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
L Series
Dual Configuration Power Entry Module (continued)
3
177
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Electrical Schematics
DL Models
Hot
Neutral
Note 1
H
Ground
G
On/O
2
(1)
1
(1a)
(2)
4
(2a)
3
Note 2
Device
Customer
Transformer
Primaries
4 Voltage Select, No-Switch (DL4)
Hot
Neutral
Note 1
G
Ground
H
On/O
Note 2
Customer
Transformer
Primaries
100V
120V
100V
20V
120V
220V
240V
A
A
B
B
C
C
DD
E
E
F
F
A
B
C
D
E
F




Single Voltage, Switched (DL1S)
HL Models
Hot
Neutral
Note 1
H
Ground
G
On/O
2
(1)
1
(1a)
(2)
4
(2a)
3
Note 2
Device
Customer
Transformer
Primaries
4 Voltage Select, No-Switch (HL4)
Hot
Neutral
Note 1
G
Ground
H
On/O
Note 2
Customer
Transformer
Primaries
100V
120V
100V
20V
120V
220V
240V
A
A
B
B
C
C
DD
E
E
F
F
A
B
C
D
E
F
Single Voltage, Switched (HL1S)
GA400: NEMA 5-15P to IEC 60320-1 C-13 line cord
Accessories
LA601: Insulating Boot
Plastic shroud to cover back of module to prevent
inadvertent access
LA200: North American Fuseholder
Accommodates one .25 x 1.25” fuse
LA201: Metric Fuseholder
Accommodates one 5 x 20mm metric fuse
LA303: Voltage Select Wheel, 3 position
Selection drum for use with L4 models.
Marked with 110V, 220V and 240V
LA304: Voltage Select Wheel, 4 position
Selection drum for use with L4 models.
Marked with 100V, 110V, 220V and 240V.
One LA304 comes standard with each L4 model.
LA400: Blank insert
Blank to replace switch in single voltage models
Replacement Fuse Holders



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com