Electronic Components Datasheet Search
  English  ▼

X  

5EFM4SC Datasheet(PDF) 8 Page - Tyco Electronics

Part # 5EFM4SC
Description  Slim Power Entry Module Family with Multiple Options
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5EFM4SC Datasheet(HTML) 8 Page - Tyco Electronics

  5EFM4SC Datasheet HTML 1Page - Tyco Electronics 5EFM4SC Datasheet HTML 2Page - Tyco Electronics 5EFM4SC Datasheet HTML 3Page - Tyco Electronics 5EFM4SC Datasheet HTML 4Page - Tyco Electronics 5EFM4SC Datasheet HTML 5Page - Tyco Electronics 5EFM4SC Datasheet HTML 6Page - Tyco Electronics 5EFM4SC Datasheet HTML 7Page - Tyco Electronics 5EFM4SC Datasheet HTML 8Page - Tyco Electronics 5EFM4SC Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
M Series
Slim Power Entry Module Family with Multiple Options (continued)
190
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com





C
E
USE ONLY WITH
250V FUSES
DISCONNECT POWER
BEFORE REPLACING FUSES
100V
120V
230V
240V
D
A
5EFM4SC
Case Styles - Filtered Models (continued)
Recommended Panel Cutouts
F
B
.170
4.32
.175
4.45
0.13
3.30
.570
14.5
1.145
29.08
Insert on XM and ZM
models only
4S Models
1S & 4 models
*± .020 [.508]
1.88
47.8
*
1.17
29.7
*
1.13
28.7
*
Dia.
R
.170
4.32
Dia.






Case Dimensions
Part No.
A
B
CD
E
F
G








6VM1
     
     
6VM1C

   

   
6VM1S
     
     
6VM1SC

   

   
6VM2
6VM4
     
     
6VM4C

   

   
6VM2S
6VM4S
     
     
6VM4SC

   

   
3EXM1S
3EZM1S
      
      
3EXM4
3EZM4
      
      
3EXM4S
3EZM4S
      
      
5EHM1
5EFM1
     
     
5EFM1C

   

   
5EHM1S
5EFM1S
     
     
5EFM1SC

   

   
5EHM4
5EFM4
     
     
5EFM4C

   

   
5EHM4S
5EFM4S
     
     
5EFM4SC

   

   



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com