Electronic Components Datasheet Search
  English  ▼

X  

5EFM4SC Datasheet(PDF) 1 Page - Tyco Electronics

Part # 5EFM4SC
Description  Slim Power Entry Module Family with Multiple Options
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5EFM4SC Datasheet(HTML) 1 Page - Tyco Electronics

  5EFM4SC Datasheet HTML 1Page - Tyco Electronics 5EFM4SC Datasheet HTML 2Page - Tyco Electronics 5EFM4SC Datasheet HTML 3Page - Tyco Electronics 5EFM4SC Datasheet HTML 4Page - Tyco Electronics 5EFM4SC Datasheet HTML 5Page - Tyco Electronics 5EFM4SC Datasheet HTML 6Page - Tyco Electronics 5EFM4SC Datasheet HTML 7Page - Tyco Electronics 5EFM4SC Datasheet HTML 8Page - Tyco Electronics 5EFM4SC Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
M Series
Slim Power Entry Module Family with Multiple Options
3
183
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
UL Recognized
CSA Certified
VDE Approved
Ordering Information
5 E F M 4 S C
Mounting Type
C– Snap-In
Omit for flange mount
Switch Option
S – DPST on/off switch
Omit for none
Voltage Selection Positions
1 or 4
M Series
Filter Type
F – General purpose
H – Medical
X – High performance
Z – Premium performance
V – Non-filtered
Leakage current designation
E – Low leakage (<0.5 mA)
(Filtered models only)
Current Rating @120 VAC
3, 5 or 6A
XM / ZM
VM
M Series
• Family of slim power entry modules that consume
minimal depth behind panel
• Four compact modules each provide a different
option combination
• Available non-filtered or with one of four filter
circuits designed to meet a wide variety of
applications
• Optional voltage selector configured for either
2 or 4 voltage selection
• Optional DPST on/off switch
• Included fuseholder accepts either single 3AG fuse
or dual metric fuses
• Snap-in or flange mounting styles
Filter Types
H Models provide a basic performance dual
element circuit EMI filter with minimal leakage
current, suitable for medical applications, with
attenuation similar to the EAH Series power inIet
filter.
F Models provide a basic performance dual
element circuit EMI filter, with attenuation similar
to the EEA Series Power Inlet Filter.
X Models provide a high performance three
element differential circuit filter, with extended
EMI attenuation similar to the X Series chassis
filter, suitable for bringing most digital equipment
(including switching power supplies) into compli-
ance with FCC Part 15J, Class B conducted
emissions limits.
Z Models provide a premium performance three
element differential circuit filter, with enhanced
EMI low frequency attenuation similar to the P
Series Z models, suitable for bringing most digital
equipment (including switching power supplies)
into compliance with EN55022 Level B as well as
FCC Part 15J. For minimum panel footprint, see
the P series on page 192.


Similar Part No. - 5EFM4SC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5EFM4SC MACOM-5EFM4SC Datasheet
308Kb / 8P
Power Entry Module with Optional RFI Power Line Filters for General and Medical Applications
logo
TE Connectivity Ltd
5EFM4SC TEC-5EFM4SC Datasheet
848Kb / 9P
Slim Power Entry Module Family with Multiple Options
More results

Similar Description - 5EFM4SC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1CHE1 MACOM-1CHE1_11 Datasheet
420Kb / 4P
Power Entry Module with Switch
logo
Silicon Laboratories
AN663 SILABS-AN663 Datasheet
84Kb / 12P
PRECISION32??MCU FAMILY CLOCKING OPTIONS
logo
Xilinx, Inc
DS310 XILINX-DS310 Datasheet
315Kb / 14P
Available in multiple package options
logo
TE Connectivity Ltd
1CHE1 TEC-1CHE1 Datasheet
420Kb / 4P
Power Entry Module with Switch
6VM1 TEC-6VM1 Datasheet
848Kb / 9P
Slim Power Entry Module Family with Multiple Options
logo
Silicon Laboratories
SI53340-45 SILABS-SI53340-45 Datasheet
947Kb / 38P
Multiple configuration options
logo
Delta Electronics, Inc.
PJT-40W DELTA-PJT-40W Datasheet
480Kb / 9P
Multiple connector source options
logo
Schurter Inc.
DG12-IP40 SCHURTER-DG12-IP40 Datasheet
444Kb / 1P
Power Entry Module
logo
Maxim Integrated Produc...
MAX20310EV MAXIM-MAX20310EV Datasheet
589Kb / 7P
Multiple Inductor Options Included
Rev 0; 1/17
MAX13053AESHLD MAXIM-MAX13053AESHLD Datasheet
882Kb / 9P
Family Provides Flexible Design Options
Rev 0; 7/18
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com