Electronic Components Datasheet Search
  English  ▼

X  

HMC703LP4E Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC703LP4E
Description  8 GHZ FRACTIONAL SYNTHESIZER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC703LP4E Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC703LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC703LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC703LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC703LP4E Datasheet HTML 8Page - Hittite Microwave Corporation HMC703LP4E Datasheet HTML 9Page - Hittite Microwave Corporation HMC703LP4E Datasheet HTML 10Page - Hittite Microwave Corporation HMC703LP4E Datasheet HTML 11Page - Hittite Microwave Corporation HMC703LP4E Datasheet HTML 12Page - Hittite Microwave Corporation HMC703LP4E Datasheet HTML 13Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
6
6 - 9
HMC703LP4E
v00.0311
8 GHZ FRACTIONAL SYNTHESIZER
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: pll@hittite.com
Table 2. Pin Descriptions
Pin Number
Function
Description
1
SCK
CMOS Input: Serial port clock
2
SDI
CMOS Input: Serial port data
3
DVDD
Power Supply for digital - Nominal 3.3 V MAX 25 mA, fPD dependent
4
VDDIO
Power Supply for Digital IO - 3.3 V, 8 mA MAX (only when driving LD_SDO)
5
LD_SDO
CMOS Output: General Purpose Output - Lock Detect, Serial Data Out, others, Selectable
6
TRIG
CMOS Input : External Trigger pin.
7
N/C
No Connect
8
VCCPS
Power Supply for RF Divider, Nominal 3.3 V 35 mA MAX
9
N/C
No Connect
10
VCOIP
Differential RF Inputs. Normally AC Coupled, 2 V DC bias generated internally. For Single Ended
operation, RFN must be AC coupled to the ground plane, typically 100 pF ceramic. DC Bias of 2.3 V is
generated internally
11
VCOIN
12
VCCHF
Power Supply for RF Buffer, Nominal 3.3 V, 6 mA MAX
13
VDDLS
Power Supply for PFD to CP Level Shifters, Nominal 5 V, 5 mA MAX, fPD dependent.
14
VPPCPA
Power Supply for charge pump, Nominal 5 V, 10 mA MAX
15
CP
Charge pump output
16
AVDD
Power supply for analog bias generation, Nominal 3.3 V, 2 mA MAX
17
BIAS
External bypass decoupling for precision bias circuits, 1.920 V +/-2 mV
NOTE: BIAS ref voltage cannot drive an external load. Must be measured with 10 GΩ meter such as
Agilent 34410A, normal 10 MΩ DVM will read erroneously.
18
RVDD
Power Supply for Reference path, Nominal 3.3 V. 15 mA MAX reference dependent
19
N/C
No Connect
20
XREFP
Reference Input. DC bias is generated internally. Normally AC coupled externally.
21
VDDPD
Power Supply for phase detector. Nominally 3.3 V. Decoupling for this supply is critical. 5 mA MAX, fPD
dependent
22
N/C
No Connect
23
CEN
CMOS Input: Hardware Chip Enable
24
SEN
CMOS Input: Serial port latch enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com