Electronic Components Datasheet Search
  English  ▼

X  

SLA Datasheet(PDF) 2 Page - Tyco Electronics

Part # SLA
Description  SLA Series ??Cabinets and Signal/Data/Control Filters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SLA Datasheet(HTML) 2 Page - Tyco Electronics

  SLA Datasheet HTML 1Page - Tyco Electronics SLA Datasheet HTML 2Page - Tyco Electronics SLA Datasheet HTML 3Page - Tyco Electronics SLA Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
27
SLA Series — Cabinets and Signal/Data/Control Filters (continued)
Corcom Facility EMI Filters Product Guide
Catalog: 1654986
Issue Date: 06.2011
Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric
USA Cust. Svc.:
1-800-468-2023
equivalents. Dimensions are shown for reference purposes only. Specifications subject to change.
Corcom Prods:
1-847-680-7400
te.com
corcom.com
3
D
B
A
E
C
Removable Cover
Gasket
Removable Cover
Enclosure
Number of
Dimensions
Approx. Weight
w/Filters
Dual Filters
A ±.125 [3.18]B ±.25 [3.18] C ±.25 [6.4] D ±.06 [1.5] E ±.06 [1.5]
(Pounds/KG)
SLA***-4
4
8.0
20.0
5.0
14.0
10.0
18
203.2
508.0
127.0
355.6
254.0
8.16
SLA***-10
10
18.0
20.0
5.0
14.0
20.0
45
457.2
508.0
127.0
355.6
508.0
20.4
SLA***-25
25
18.0
24.0
9.5
18.0
20.0
90
457.2
609.6
241.3
457.2
508.0
40.8
SLA***-50
50
32.0
26.0
9.5
20.0
34.0
115
812.8
660.4
241.3
508.0
863.6
52.2
SLA***-100
100
42.0
28.0
12.75
22.0
44.0
285
1066.8
711.2
323.8
558.8
1117.6
129.3
SLA***-150
150
32.0
50.0
15.5
44.0
34.0
475
823.8
1270.0
393.7
1117.6
863.6
215.5
SLA***-200
200
34.0
64.0
15.5
61.5
36.0
650
863.6
1625.6
393.7
1562.1
914.4
294.8
SLA *** - *** - *** - S
SLA Series
# of filters actually installed
Surge Arrestors
Max. number of dual filters
Cabinet - Filter Type
214 - WFV3544, Telephone Standard
215 - WFV3470, Telephone KS20162
253 - WFV3561, Data (9.6 kB)
254 - WFV3562, Data (19.2 kB)
255 - WFV3563, Data (56.0 kB)
257 - NF21590† Control (1 Amp)
ISDN - ISDN64, ISDN Data (64k)
Replace with one
Example: SLA214-100-75-S =
75 Telelphone Filters installed inside 100 space cabinet
with surge arrestors
† NFL21590 inductive input version provided when used with surge arrestor
How to Order:
SLA Series Cabinets for use with 1.25” Filters
Cabinet
Accommodates 1.25” Filter
214
WFV3544, Telephone Standard
215
WFV3470, Telephone KS20162
253
WFV3561, Data (9.6 kB)
254
WFV3562, Data (19.2 kB)
255
WFV3563, Data (56.0 kB)
257
NF21590† Control (1A)
ISDN
SDN64, ISDN Data (64k)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com