Electronic Components Datasheet Search
  English  ▼

X  

SLA Datasheet(PDF) 3 Page - Tyco Electronics

Part # SLA
Description  SLA Series ??Cabinets and Signal/Data/Control Filters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SLA Datasheet(HTML) 3 Page - Tyco Electronics

  SLA Datasheet HTML 1Page - Tyco Electronics SLA Datasheet HTML 2Page - Tyco Electronics SLA Datasheet HTML 3Page - Tyco Electronics SLA Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
28
SLA Series — Cabinets and Signal/Data/Control Filters (continued)
Corcom Facility EMI Filters Product Guide
Catalog: 1654986
Issue Date: 06.2011
Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric
USA Cust. Svc.:
1-800-468-2023
equivalents. Dimensions are shown for reference purposes only. Specifications subject to change.
Corcom Prods:
1-847-680-7400
te.com
corcom.com
SLA Series Cabinets for use with 1.75” Filters
Enclosure
Number of
Dimensions
Approx. Weight
w/Filters
Dual Filters
A ±.125 [3.18]B ±.125 [3.18] C ±.25 [6.4] D ±.06 [1.5] E ±.06 [1.5]
(Pounds/KG)
SLA***-4
4
10.0
22.0
6.0
12.0
12.0
20
254.0
558.8
152.4
304.8
304.8
9.08
SLA***-10
10
20.0
22.0
6.0
22.0
22.0
50
508.0
558.8
152.4
558.8
558.8
22.7
SLA***-25
25
20.0
28.0
12.0
22.0
22.0
140
508.0
711.2
304.8
558.8
558.8
63.5
SLA***-50
50
38.0
28.0
12.0
22.0
40.0
250
965.2
711.2
304.8
558.8
1016.0
113.4
SLA***-100
100
54.0
30.0
15.0
24.0
56.0
450
1371.6
762.0
381.0
609.6
1422.4
204.2
SLA***-150
150
36.0
64.0
18.0
56.0
38.0
670
914.4
1625.6
457.2
1422.4
965.2
303.9
SLA***-200
200
42.0
72.0
22.0
64.0
44.0
1000
1066.8
1828.8
558.8
1625.6
1117.6
453.6
D
B
A
E
C
Removable Cover
Gasket
Removable Cover
SLA *** - *** - *** - S
SLA Series
# of filters actually installed
Surge Arrestors
Max. number of dual filters
Cabinet - Filter Type
256 - WFV3564, Fire Alarm (analog)
259 - NF21593-3,† Control (3 amp)
268 - NF21593-5,‡ Control (5 amp)
266 - WFV3577, Telephone (special)
267 - WFV3575, Comm/Intercom
3602 - WFV3568, T1 Comm
Replace with one
Example: SLA266-25-50-S =
25 Analog Fire Alarm Filters installed inside 50 space cabinet
with surge arrestors
† NFL21593-3 inductive input version provided when used with surge arrestor
‡ NFL21595-5 inductive input version provided when used with surge arrestor
How to Order:
Cabinet
Accommodates 1.75” Filter
256
WFV3564, Fire Alarm (analog)
259
NF21593-3,† Control (3A)
268
NF21593-5,‡ Control (5A)
266
WFV3577, Telephone (special)
267
WFV3575, Comm/Intercom
3602
WFV3568, T1 Comm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com