Electronic Components Datasheet Search
  English  ▼

X  

GL380 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GL380
Description   High Output, f 3mm ResinMold Type Infrared Emitting Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL380 Datasheet(HTML) 1 Page - Sharp Corporation

  GL380 Datasheet HTML 1Page - Sharp Corporation GL380 Datasheet HTML 2Page - Sharp Corporation GL380 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
*2 For 3 seconds at the position of 2.6mm from the bottom face of resin package.
1. Floppy disk drives
2. Optoelectronic switches
3. Infrared applied systems
Parameter
Symbol
Rating
Unit
Forward current
IF
60
mA
*1Peak forward current
I FM
1A
Reverse voltage
V R
6V
Power dissipation
P
150
mW
Operating temperature
T opr
- 25 to + 85
˚C
Storage temperature
T stg
- 40 to + 85
˚C
*2Soldering temperature
T sol
260
˚C
(Ta = 25˚C )
( Ta = 25˚C)
( Unit : mm)
*3 I E : Value obtained by converting the value in power of radiant fluxes at the solid angle of 0.01 sr(steradian) the
direction of mechanical axis of the the lens portion into 1 sr of all those emitted from the light emitting diode.
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
(2.54)
Light blue transparent
1
2
1
2
1 Anode
2 Cathode
GL380/GL381
GL380/GL381
s Features
s Applications
s Absolute Maximum Ratings
s Electro-optical Characteristics
s Outline Dimensions
2. Compact
φ 3mm resin mold package
3. Narrow beam angle(
∆θ : TYP. ± 13˚ )
*1 Pulse width
100
µs, Duty ratio = 0.01
High Output,
φ 3mm Resin
1. High output
( IE : MIN. 8.5mW/sr at IF= 50mA, GL381 )
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Forward voltage
V F
IF = 50mA
-
1.3
1.5
V
Peak forward voltage
V FM
IFM = 0.5A
-
2.2
3.5
V
Reverse current
IR
V R =3V
-
-
10
µ A
GL380
IE
IF = 50mA
4.5
11
-
mW/sr
8.5
20
-
GL381
Peak emission wavelength
λ P
IF = 5mA
-
950
-
nm
Half intensity wavelength
∆λ
IF = 5mA
-
45
-
nm
Terminal capacitance
Ct
V R = 0, f = 1MHz
-
70
-
pF
Response frequency
fC
-
300
-
kHz
Half intensity angle
∆θ
IF = 20mA
-
± 13
-
*3 Radiant intensity
epoxy resin (GL380 )
Blue transparent epoxy resin (GL381 )
( IE : MIN. 4.5mW/sr at IF= 50mA, GL380 )
˚
Diode
Mold Type Infrared Emitting
φ 3.8
φ 3.0± 0.15
2 - 0.5
+ 0.15
- 0.1
* Tolerance : ± 0.2mm
<=


Similar Part No. - GL380

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GL3812 HYNIX-GL3812 Datasheet
108Kb / 6P
AUDIO/VIDEO SWITCH FOR TV, VCR
logo
Sharp Corporation
GL382 SHARP-GL382 Datasheet
31Kb / 3P
IrDA-Based SIR System-Conforming Infrared Emitting Diode
logo
Hynix Semiconductor
GL3820 HYNIX-GL3820 Datasheet
27Kb / 2P
1 Video Output 75U-1 VPP No Switched
More results

Similar Description - GL380

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP34SF7C KINGBRIGHT-WP34SF7C Datasheet
184Kb / 4P
T-1 (3mm) INFRARED EMITTING DIODE
WP7104F3C KINGBRIGHT-WP7104F3C Datasheet
407Kb / 6P
T-1 (3mm) INFRARED EMITTING DIODE
WP7104SF4C KINGBRIGHT-WP7104SF4C Datasheet
407Kb / 6P
T-1 (3mm) INFRARED EMITTING DIODE
logo
Lucky Light Electronic
GB-IR224 LUCKY-LIGHT-GB-IR224 Datasheet
44Kb / 1P
Infrared Emitting Diodes (3mm)
logo
Kingbright Corporation
WP710A10F3C KINGBRIGHT-WP710A10F3C_15 Datasheet
317Kb / 6P
T-1 (3mm) INFRARED EMITTING DIODE
WP710A10SF4C KINGBRIGHT-WP710A10SF4C_15 Datasheet
318Kb / 6P
T-1 (3mm) INFRARED EMITTING DIODE
WP710A10F3BT-P22 KINGBRIGHT-WP710A10F3BT-P22 Datasheet
741Kb / 5P
T-1 (3mm) Infrared Emitting Diode
WP710A10F3C-P22 KINGBRIGHT-WP710A10F3C-P22 Datasheet
725Kb / 5P
T-1 (3mm) Infrared Emitting Diode
WP710A10SF4BT-P22 KINGBRIGHT-WP710A10SF4BT-P22 Datasheet
740Kb / 5P
T-1 (3mm) Infrared Emitting Diode
WP710A10SF4C-P22 KINGBRIGHT-WP710A10SF4C-P22 Datasheet
745Kb / 5P
T-1 (3mm) Infrared Emitting Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com