Electronic Components Datasheet Search
  English  ▼

X  

GL380 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GL380
Description   High Output, f 3mm ResinMold Type Infrared Emitting Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL380 Datasheet(HTML) 2 Page - Sharp Corporation

  GL380 Datasheet HTML 1Page - Sharp Corporation GL380 Datasheet HTML 2Page - Sharp Corporation GL380 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GL380/GL381
880
900
920
940
960
980
0
20
40
60
80
100
100
0
20
40
60
80
120
0
25
125
50
75 85
Wavelength
λ ( nm )
100
100
10
10 -3
10 -2
025
50
75
100
975
950
925
900
0
255075
100
1
0.1
500
50
0
100
10
5
1
0.5
1.0
1.5
2.0
2.5
200
20
2
3.0
25˚C
0˚C
20˚C
50˚C
50
500
0.2
0.5
2
5
10
20
3.5
Duty ratio
10 -1
Fig. 1 Forward Current vs.
Fig. 3 Spectral Distribution
Fig. 5 Forward Current vs. Forward Voltage
-
-
25
10 -4
Fig. 4 Peak Emission Wavelength vs.
Ambient Temperature
IF = const.
Fig. 6 Relative Radiant Flux vs.
Ambient Temperature
Forward voltage VF (V)
Ambient Temperature
Fig. 2 Peak Forward Current vs. Duty Ratio
IF = 5mA
Ta = 25˚C
IF =
const.
Ambient temperature Ta (˚C)
100
µ s
Ta = 25˚C
Ambient temperature Ta (˚C)
Ambient temperature Ta (˚C)
-25
Ta = 75˚C
-25
5000
1000
1000
1000
1020
1040
Pluse width
1
<=



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com