Electronic Components Datasheet Search
  English  ▼

X  

GL390 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GL390
Description  Thin Bow Type Resin Mold Package Infrared Emitting Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL390 Datasheet(HTML) 1 Page - Sharp Corporation

  GL390 Datasheet HTML 1Page - Sharp Corporation GL390 Datasheet HTML 2Page - Sharp Corporation GL390 Datasheet HTML 3Page - Sharp Corporation GL390 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GL390/GL390V
(Ta=25˚C)
IF
60
mA
I FM
1A
VR
6V
P
150
mW
T opr
˚C
T stg
˚C
T sol
260
˚C
GL390
GL390V
TYP. 13
TYP. 16
g 1
(2.54)
2
1
1
2
GL390
GL390V
GL390/GL390V
TYP. ± 18
φ 3.1
φ 3.8 ± 0.3
2 - 0.5 ± 0.1
2 - 0.5 ± 0.1
2.0
+ 0.1
- 0.3
Features
Applications
Outline Dimensions
(Unit : mm)
1. Thin bow type resin mold package
(Resin area : 2.0 x 3.1 x 5.2 mm)
1. Cameras
2. Infrared remote controllers
Epoxy resin
* Tolerance : ± 0.2mm
g 1 Resin type
Pale blue transparent resin
Blue transparent resin
1 Anode
2 Cathode
Model Lineup
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
*1
*2
Forward current
Peak forward current
Reverse voltage
Power dissipation
Operating temperature
Storage temperature
Soldering temperature
*1 Pulse width <=100
µ s, Duty ratio=0.01
*2 For 3 seconds at the position of 2.6 mm from the resin edge
Model
-25 to 85
-40 to 85
Radiant intensity (mW/sr)
Half intensity angle (˚ )
2. Low peak forward voltage ( GL390V)
VFM : TYP. 1.9V at IFM=0.5A
Thin Bow Type Resin Mold
Package Infrared Emitting Diodes
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
s
s
s
s
s


Similar Part No. - GL390

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GL3904 GTM-GL3904 Datasheet
190Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTO
logo
E-Tech Electronics LTD
GL3904 ETL-GL3904 Datasheet
192Kb / 2P
N P N E P I TA X I A L P L A N A R T R A N S I S TO R
logo
GTM CORPORATION
GL3906 GTM-GL3906 Datasheet
188Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
E-Tech Electronics LTD
GL3906 ETL-GL3906 Datasheet
189Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
More results

Similar Description - GL390

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL460 SHARP-GL460 Datasheet
46Kb / 4P
Double Ended Mold Type Infrared Emitting Diode
GL4600 SHARP-GL4600 Datasheet
37Kb / 4P
Double Ended Mold Type Infrared Emitting Diode
GL4800 SHARP-GL4800 Datasheet
33Kb / 3P
Thin Type Infrared Emitting Diode
GL537 SHARP-GL537 Datasheet
37Kb / 3P
過 5mm Resin Mold Type Infrared Emitting Diode
GL560 SHARP-GL560 Datasheet
39Kb / 3P
Low Peak Forward Voltage Type 過 5 Resin Mold Package Infrared Emitting Diodes
GL420 SHARP-GL420 Datasheet
96Kb / 3P
RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
GL527 SHARP-GL527 Datasheet
137Kb / 3P
5MM RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
GL360 SHARP-GL360 Datasheet
106Kb / 3P
3.2mm RESIN MOLD Type Infrared Light Emltting Diode
GL371 SHARP-GL371 Datasheet
325Kb / 3P
COMPACT RESIN STEM TYPE INFRARED EMITTING DIODE
logo
BetLux Electronics
BL-L513IRAC BETLUX-BL-L513IRAC Datasheet
71Kb / 3P
INFRARED EMITTING DIODES
REV NO: V.2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com