Electronic Components Datasheet Search
  English  ▼

X  

GL390 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GL390
Description  Thin Bow Type Resin Mold Package Infrared Emitting Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL390 Datasheet(HTML) 3 Page - Sharp Corporation

  GL390 Datasheet HTML 1Page - Sharp Corporation GL390 Datasheet HTML 2Page - Sharp Corporation GL390 Datasheet HTML 3Page - Sharp Corporation GL390 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GL390/GL390V
880
900
920
940
960
980
0
20
40
60
80
100
025
50
75
100
975
950
925
900
0
255075
100
1
0.1
500
50
0
100
10
5
1
0.5
1.0
1.5
2.0
2.5
200
20
2
3.0
25˚C
0˚C
50˚C
0.2
0.5
2
5
10
20
3.5
IF = const.
F (V)
IF
Ta= 25˚C
IF=
const.
-25
Ta= 75˚C
-25
1000
1000 1020 1040
Fig. 3 Spectral Distribution
Fig. 4 Peak Emission Wavelength vs.
Ambient Temperature
Fig. 6 Relative Radiant Flux vs. Ambient
Temperature
Wavelength
λ (nm)
Forward voltage V
Ambient temperature Ta ( ˚C )
Ambient temperature Ta ( ˚C)
= 5mA
Fig. 5-1 Forward Current vs. Forward Voltage
Fig. 5-2 Forward Current vs. Forward Voltage
F (mA)
Fig. 7 Radiant Intensity vs. Forward Current
Forward current I
F (V)
Forward voltage V
0
0.5
1.0
1.5
2.0
2.5
3.0
1
10
100
1000
+ 85˚C
+ 50˚C + 25˚C
0˚C
- 25˚C
:DC
: Pulse
0.1
10
100
1000
1
0.01
0.1
1
10
100
1000
Ta=25˚C
Pulse width 100
µ s
Duty ratio=0.01
GL390V
GL390
(GL390)
(GL390V)
- 20˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com