Electronic Components Datasheet Search
  English  ▼

X  

ADR440B Datasheet(PDF) 14 Page - Analog Devices

Part # ADR440B
Description  Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR440B Datasheet(HTML) 14 Page - Analog Devices

Back Button ADR440B Datasheet HTML 10Page - Analog Devices ADR440B Datasheet HTML 11Page - Analog Devices ADR440B Datasheet HTML 12Page - Analog Devices ADR440B Datasheet HTML 13Page - Analog Devices ADR440B Datasheet HTML 14Page - Analog Devices ADR440B Datasheet HTML 15Page - Analog Devices ADR440B Datasheet HTML 16Page - Analog Devices ADR440B Datasheet HTML 17Page - Analog Devices ADR440B Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADR440/ADR441/ADR443/ADR444/ADR445
Rev. E | Page 14 of 20
THEORY OF OPERATION
The ADR44x series of references uses a new reference generation
technique known as XFET (eXtra implanted junction FET).
This technique yields a reference with low dropout, good
thermal hysteresis, and exceptionally low noise. The core of the
XFET reference consists of two junction field-effect transistors
(JFETs), one of which has an extra channel implant to raise its
pinch-off voltage. By running the two JFETs at the same drain
current, the difference in pinch-off voltage can be amplified
and used to form a highly stable voltage reference.
The intrinsic reference voltage is around 0.5 V with a negative
temperature coefficient of about –120 ppm/°C. This slope is
essentially constant to the dielectric constant of silicon, and it can
be closely compensated for by adding a correction term generated
in the same fashion as the proportional-to-absolute temperature
(PTAT) term used to compensate band gap references. The
advantage of an XFET reference is its correction term, which is
approximately 20 times lower and requires less correction than
that of a band gap reference. Because most of the noise of a band
gap reference comes from the temperature compensation
circuitry, the XFET results in much lower noise.
Figure 33 shows the basic topology of the ADR44x series. The
temperature correction term is provided by a current source with
a value designed to be proportional to the absolute temperature.
The general equation is
VOUT = G (ΔVP − R1 × IPTAT)
(1)
where:
G is the gain of the reciprocal of the divider ratio.
ΔVP is the difference in pinch-off voltage between the two JFETs.
IPTAT is the positive temperature coefficient correction current.
ADR44x devices are created by on-chip adjustment of R2
and R3 to achieve the different voltage options at the
reference output.
IPTAT
I1
*
I1
*EXTRA CHANNEL IMPLANT
VOUT = G (∆VP – R1 × IPTAT)
R2
VIN
VOUT
GND
R3
R1
∆VP
ADR44x
Figure 33. Simplified Schematic Device
POWER DISSIPATION CONSIDERATIONS
The ADR44x family of references is guaranteed to deliver load
currents to 10 mA with an input voltage that ranges from 3 V to
18 V. When these devices are used in applications at higher
currents, use the following equation to account for the
temperature effects of increases in power dissipation:
TJ = PD × θJA + TA
(2)
where:
TJ and TA are the junction and ambient temperatures,
respectively.
PD is the device power dissipation.
θJA is the device package thermal resistance.
BASIC VOLTAGE REFERENCE CONNECTIONS
The ADR44x family requires a 0.1 μF capacitor on the input
and the output for stability. Although not required for operation,
a 10 μF capacitor at the input can help with line voltage
transient performance.
NOTES
1. NC = NO CONNECT
2. TP = TEST PIN (DO NOT CONNECT)
6
VOUT
0.1µF
+
VIN
10µF
0.1µF
TP 1
NC
3
4
TP
8
NC
7
TRIM
5
ADR440/
ADR441/
ADR443/
ADR444/
ADR445
TOP VIEW
(Not to Scale)
2
GND
Figure 34. Basic Voltage Reference Configuration
NOISE PERFORMANCE
The noise generated by the ADR44x family of references is
typically less than 1.4 μV p-p over the 0.1 Hz to 10.0 Hz band
for ADR440, ADR441, and ADR443. Figure 26 shows the 0.1 Hz
to 10 Hz noise of the ADR441, which is only 1.2 μV p-p. The
noise measurement is made with a band-pass filter composed of
a 2­pole high-pass filter with a corner frequency at 0.1 Hz and a
2­pole low-pass filter with a corner frequency at 10.0 Hz.
TURN-ON TIME
Upon application of power (cold start), the time required for
the output voltage to reach its final value within a specified
error band is defined as the turn-on settling time. Two compo-
nents normally associated with this are the time for the active
circuits to settle and the time for the thermal gradients on the
chip to stabilize. Figure 20 and Figure 21 show the turn-on and
turn-off settling times for the ADR441.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com