Electronic Components Datasheet Search
  English  ▼

X  

ADR440B Datasheet(PDF) 16 Page - Analog Devices

Part # ADR440B
Description  Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR440B Datasheet(HTML) 16 Page - Analog Devices

Back Button ADR440B Datasheet HTML 12Page - Analog Devices ADR440B Datasheet HTML 13Page - Analog Devices ADR440B Datasheet HTML 14Page - Analog Devices ADR440B Datasheet HTML 15Page - Analog Devices ADR440B Datasheet HTML 16Page - Analog Devices ADR440B Datasheet HTML 17Page - Analog Devices ADR440B Datasheet HTML 18Page - Analog Devices ADR440B Datasheet HTML 19Page - Analog Devices ADR440B Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADR440/ADR441/ADR443/ADR444/ADR445
Rev. E | Page 16 of 20
Table 9. Digital Potentiometer Parts
Part No.
No. of
Channels
No. of
Positions
ITF
R (kΩ)
VDD1
(V)
AD5251
2.00
64.00
I2C
1, 10, 50, 100
5.5
AD5207
2.00
256.00
SPI
10, 50, 100
5.5
AD5242
2.00
256.00
I2C
10, 100, 1M
5.5
AD5262
2.00
256.00
SPI
20, 50, 200
15
AD5282
2.00
256.00
I2C
20, 50, 100
15
AD5252
2.00
256.00
I2C
1, 10, 50, 100
5.5
AD5232
2.00
256.00
SPI
10, 50, 100
5.5
AD5235
2.00
1024.00
SPI
25, 250
5.5
ADN2850
2.00
1024.00
SPI
25, 250
5.5
1 Can also use a negative supply.
Adding a negative supply to the operational amplifier allows
the user to produce a negative programmable reference
by connecting the reference output to the inverting terminal
of the operational amplifier. Choose feedback resistors to
minimize errors over temperature.
PROGRAMMABLE CURRENT SOURCE
It is possible to build a programmable current source using a
setup similar to the programmable voltage source, as shown in
Figure 38. The constant voltage on the gate of the transistor sets
the current through the load. Varying the voltage on the gate
changes the current. This circuit does not require a dual digital
potentiometer.
ADR440/
ADR441/
ADR443/
ADR444/
ADR445
VIN
VOUT
GND
ILOAD
VCC
RSENSE
AD5259
2
6
4
0.1µF
0.1µF
Figure 38. Programmable Current Source
HIGH VOLTAGE FLOATING CURRENT SOURCE
Use the circuit in Figure 39 to generate a floating current source
with minimal self heating. This particular configuration can
operate on high supply voltages, determined by the breakdown
voltage of the N-channel JFET.
ADR440/
ADR441/
ADR443/
ADR444/
ADR445
VIN
VOUT
GND
OP90
+VS
SST111
VISHAY
2N3904
–VS
2
6
4
Figure 39. Floating Current Source
PRECISION OUTPUT REGULATOR
(BOOSTED REFERENCE)
ADR440/
ADR441/
ADR443/
ADR444/
ADR445
6
2
VIN
VOUT
RL
200
Ω
CL
1µF
2N7002
–V
15V
VO
CIN
0.1µF
COUT
0.1µF
VIN
GND
4
Figure 40. Boosted Output Reference
Higher current drive capability can be obtained without
sacrificing accuracy by using the circuit in Figure 40. The
operational amplifier regulates the MOSFET turn-on, forcing
VO to equal the VREF. Current is then drawn from VIN, allowing
increased current drive capability. The circuit allows a 50 mA
load; if higher current drive is required, use a larger MOSFET.
For fast transient response, add a buffer at VO to aid with
capacitive loading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com