Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1370 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # ZXLD1370
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button ZXLD1370 Datasheet HTML 11Page - Diodes Incorporated ZXLD1370 Datasheet HTML 12Page - Diodes Incorporated ZXLD1370 Datasheet HTML 13Page - Diodes Incorporated ZXLD1370 Datasheet HTML 14Page - Diodes Incorporated ZXLD1370 Datasheet HTML 15Page - Diodes Incorporated ZXLD1370 Datasheet HTML 16Page - Diodes Incorporated ZXLD1370 Datasheet HTML 17Page - Diodes Incorporated ZXLD1370 Datasheet HTML 18Page - Diodes Incorporated ZXLD1370 Datasheet HTML 19Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
ZXLD1370
ZXLD1370
Document number: DS32165 Rev. 4 - 2
15 of 36
www.diodes.com
March 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (Continued)
Setting RGI1= 33kΩ gives
Ω
=
−
=
k
110
)
1
GI
V
ADJ
V
(
1
GI
R
2
GI
R
This will result in:
Ω
=
+
=
m
150
LED
I
mV
225
)
2
GI
R
1
GI
(R
1
GI
R
s
R
Table 1 shows typical resistor values used to determine GIRATIO with E24 series resistors
Table 1
GI ratio
RGI1
RG2
0.2
30k
Ω
120k
Ω
0.25
33k
Ω
100k
Ω
0.3
39k
Ω
91k
Ω
0.35
30k
Ω
56k
Ω
0.4
100k
Ω
150k
Ω
0.45
51k
Ω
62k
Ω
0.5
30k
Ω
30k
Ω
INDUCTOR/FREQUENCY SELECTION
Recommended inductor values for the ZXLD1370 are in the range 22
μH to 100 μH. The chosen coil should have a
saturation current higher than the peak sensed current and a continuous current rating above the required mean sensed
current by at least 50%.
The inductor value should be chosen to maintain operating duty cycle and switch 'on'/'off' times within the recommended
limits over the supply voltage and load current range.
The frequency compensation mechanism inside the chip tends to keep the frequency within the range 300kHz – 400kHz in
most of the operating conditions. Nonetheless, the controller allows for higher frequencies when either the number of LEDs
or the input voltage increases.
The graphs below can be used to select a recommended inductor to maintain the ZXLD1370 switching frequency within a
predetermined range when used in different topologies.
Buck inductor selection:
 
ZXLD1370 Buck Mode 1.5A Minimum Recommended Inductor
Target Switching Frequency - 400kHz
0
102030
405060
1
3
5
7
9
11
13
15
Supply Voltage (V)
L=10µH
L=22µH
L=33µH
L=47µH
Figure 19. 1.5A Buck mode inductor selection for target frequency of 400 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com