Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1370 Datasheet(PDF) 32 Page - Diodes Incorporated

Part # ZXLD1370
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370 Datasheet(HTML) 32 Page - Diodes Incorporated

Back Button ZXLD1370 Datasheet HTML 28Page - Diodes Incorporated ZXLD1370 Datasheet HTML 29Page - Diodes Incorporated ZXLD1370 Datasheet HTML 30Page - Diodes Incorporated ZXLD1370 Datasheet HTML 31Page - Diodes Incorporated ZXLD1370 Datasheet HTML 32Page - Diodes Incorporated ZXLD1370 Datasheet HTML 33Page - Diodes Incorporated ZXLD1370 Datasheet HTML 34Page - Diodes Incorporated ZXLD1370 Datasheet HTML 35Page - Diodes Incorporated ZXLD1370 Datasheet HTML 36Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
ZXLD1370
ZXLD1370
Document number: DS32165 Rev. 4 - 2
32 of 36
www.diodes.com
March 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (Continued)
Example 2:
400mA Boost LED driver
In this application example, the ZXLD1370 is connected as a boost LED driver. The schematic and parts list are shown
below. The LED driver is able to deliver 400mA of LED current into 12 high-brightness LEDs with an input voltage range of
16V to 32V.
The overall high efficiency of 92%+ makes it ideal for applications such as solar LED street lighting and general LED
illuminations.
Figure 43. Application circuit - 400mA Boost LED driver
Table4. Bill of Material
Ref No.
Value
Part No.
Manufacturer
U1
60V LED driver
ZXLD1370
Diodes Inc
Q1
60V MOSFET
ZXMN6A25G
Diodes Inc
Q2
60V MOSFET
2N7002A
Diodes Inc
D1
100V 3A Schottky
PDS3100-13
Diodes Inc
Z1
47V 410mW Zener
BZT52C47
Diodes Inc
L1
68µH 2.1A
744771168
Wurth Electronik
C1
100pF 50V
SMD 0805/0603
Generic
C3 C9
4.7µF 50V X7R
SMD1210
Generic
C2
1µF 50V X7R
SMD1206
Generic
R1 R2
560m
Ω 1%
SMD1206
Generic
R9 R10
33k
Ω 1%
SMD 0805/0603
Generic
R12
0
Ω
SMD 0805/0603
Generic
R15
2.7K
Ω
SMD 0805/0603
Generic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com