Electronic Components Datasheet Search
  English  ▼

X  

AL8806 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AL8806
Description  HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8806 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AL8806 Datasheet HTML 7Page - Diodes Incorporated AL8806 Datasheet HTML 8Page - Diodes Incorporated AL8806 Datasheet HTML 9Page - Diodes Incorporated AL8806 Datasheet HTML 10Page - Diodes Incorporated AL8806 Datasheet HTML 11Page - Diodes Incorporated AL8806 Datasheet HTML 12Page - Diodes Incorporated AL8806 Datasheet HTML 13Page - Diodes Incorporated AL8806 Datasheet HTML 14Page - Diodes Incorporated AL8806 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AL8806
HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
AL8806
Document number: DS35144 Rev. 2 - 2
11 of 15
www.diodes.com
June 2011
© Diodes Incorporated
Applications Information (continued)
PCB Layout
When laying out the PCB for the AL8806 the following should be observed:
1.
The decoupling capacitor C1 has to be placed as close as possible to VIN
2.
The sense resistor, RSET, has to be placed as close as possible to VIN and SET
3.
The anode of the freewheel diode (D1), the SW pin and the inductor have to be placed as close as possible to each
other to avoid ringing.
AL8806
C2
R
SET
C1
D1
L1
To avoid
radiated EMI
keep dashed
tracks as
short as
possible
Figure 6. PCB Layout
The AL8806 has two evaluation boards available on request (AL8806EV4 and AL8806EV6). Information can be found on the
Diodes website and from a Diodes’ sales representative.
Application Example
A typical application example for the AL8806 is the MR16 lamp; which normally operate from 12VDC or 12VAC supplies, using
conventional electromagnetic transformers or electronic transformers.
As a replacement for MR16 halogen lamps, LED lamps offer a more energy efficient solution - radiating no heat and no Ultra
Violet light. The low thermal impedance of the AL8806 and its 1.5A switch capability allows it drive some of the latest multi-
die LEDs; which increases the lamp’s luminance.
This application example is intended to fit into the base connector space of an MR16 style LED lamp. The design has been
optimized for part count and thermal performance for a multi-die LED in the Lens section as well as EMI conformance.
Figure 7. MR16 Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com