Electronic Components Datasheet Search
  English  ▼

X  

AL8806 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AL8806
Description  HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8806 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AL8806 Datasheet HTML 7Page - Diodes Incorporated AL8806 Datasheet HTML 8Page - Diodes Incorporated AL8806 Datasheet HTML 9Page - Diodes Incorporated AL8806 Datasheet HTML 10Page - Diodes Incorporated AL8806 Datasheet HTML 11Page - Diodes Incorporated AL8806 Datasheet HTML 12Page - Diodes Incorporated AL8806 Datasheet HTML 13Page - Diodes Incorporated AL8806 Datasheet HTML 14Page - Diodes Incorporated AL8806 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AL8806
HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
AL8806
Document number: DS35144 Rev. 2 - 2
13 of 15
www.diodes.com
June 2011
© Diodes Incorporated
Applications Information (continued)
AL8806EV6 BOM
Count Designator Description
Package
Manufacturer
Part Number
1
C1
Capacitor, 470uF, 25V Aluminium Electrolytic
Radial,
10 x 12.5mm
Rubycon
25ZLH470M
1
C2
Capacitor, 4.7µF 10% 50V X7R
1210
Kemet
C1210X475K5RAC
3
C3, C9, C10 Capacitor, 100nF 10% 50V X7R
0805
Kemet
NIC
C1210X475K5RAC
NMC0805X7R104K50TRPF
1
C4
Capacitor, 100nF 10% 50V X7R
1206
Kemet
NIC
C1206104K5RAC7800
NMC1206X7R104K50TRPF
4
C5 ~ C8
Capacitor, 1.5nF 10% 50V or 100V, COG
0805
generic
1
L1
Inductor, shielded, 15µH 20%
6.6 x 6.6mm
Coilcraft
NIC
Würth
MSS7341-153ML
NPIS64D150MTRF
744777115
1
L2
Inductor, ferrite bead, 6A, 30ohms @100MHz
0805
TDK
MPZ2012S300A
1
R1
Resistor, 0.15ohms 1% 250ppm 125mW
0805
generic
1
R2
Resistor, 0.2ohms 1% 250ppm 125mW
0805
generic
1
D1
Diode, schottky, 30V 2A DFLS230
(alternatives: DFLS230L or LH)
PowerDi123
Diodes Inc
DFLS230-7
4
D2 ~ D5
Diode, Super Barrier Rectifier, 30V 2A
SBR2U30
PowerDi123
Diodes Inc
SBR2U30P1-7
1
U1
IC, LED Driver, AL8806
MSOP-8EP
Diodes Inc
AL8806MP8-13
The AL8806 guarantees high level of performance both with 12VAC and 12VDC power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com