Electronic Components Datasheet Search
  English  ▼

X  

AP2337 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP2337
Description  1.0A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2337 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP2337 Datasheet HTML 2Page - Diodes Incorporated AP2337 Datasheet HTML 3Page - Diodes Incorporated AP2337 Datasheet HTML 4Page - Diodes Incorporated AP2337 Datasheet HTML 5Page - Diodes Incorporated AP2337 Datasheet HTML 6Page - Diodes Incorporated AP2337 Datasheet HTML 7Page - Diodes Incorporated AP2337 Datasheet HTML 8Page - Diodes Incorporated AP2337 Datasheet HTML 9Page - Diodes Incorporated AP2337 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AP2337
1.0A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
AP2337
Document number: DS35060 Rev. 2 - 2
7 of 10
www.diodes.com
September 2011
© Diodes Incorporated
Application Note
Protection Features:
Under-voltage Lockout (UVLO)
Whenever the input voltage falls below UVLO threshold (~2.5V), the power switch is turned off. This facilitates the design of
hot-insertion systems where it is not possible to turn off the power switch before input power is removed.
Over-current and Short Circuit Protection
An internal sensing FET is employed to check for over-current conditions. Unlike current-sense resistors, sense FETs do not
increase the series resistance of the current path. When an overcurrent condition is detected, the device maintains a constant
output current and reduces the output voltage accordingly. Complete shutdown occurs only if the fault stays long enough to
activate thermal limiting.
The different overload conditions and the corresponding response of the AP2337 are outlined below:
NO
Conditions
Explanation
Behavior of the AP2337
1
Short circuit condition at
start-up
Output is shorted before
input voltage is applied or
before the part is powered
up.
The IC senses the short circuit and immediately
clamps output current to a certain safe level
namely Ishort
2
Short-circuit or
Overcurrent condition
Short-Circuit or Overload
condition that occurs when
the part is powered up and
above UVLO.
• At the instance the overload occurs, higher
current may flow for a very short period of
time before the current limit function can
react.
• After the current limit function has tripped
(reached the over-current trip threshold), the
device switches into current limiting mode
and the current is clamped at Ishort /ILIMIT.
3
Gradual increase from
nominal operating current
to ILIMIT
Load increases gradually
until the current-limit
threshold.
The current rises until ILIMIT. Once the threshold
has been reached, the device switches into its
current limiting mode and is clamped at ILIMIT.
Reverse Current Protection
The USB specification does not allow an output device to source current back into the USB port. In a normal MOSFET
switch, current will flow in reverse direction (from the output side to the input side) when the output side voltage is higher than
the input side. A reverse current limit feature is implemented in the AP2337 to limit such back currents. This circuit is
activated by the difference between the output voltage and the input voltage (100mV TYP). After the reverse current circuit
has tripped (reached the reverse current trip threshold), the current rises until IROCP level. When the fault exists for more than
600us, output device is disabled and shutdown. This is called the "Deglitch time from reverse current trigger to MOSFET turn
off”. Recovery from IROCP occurs when the output voltage falls to 101% of input voltage.
Over-Voltage Protection
The device has an output over-voltage protection that triggers when the output voltage reaches 114% (TYP) of input
voltage. When this fault condition stays on for longer than 15us (This is called the “Debounce time from output over-voltage to
MOSFET turn off” ) output device is disabled and shutdown. Recovery from ROVP occurs when the output voltage falls to
101% of input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com