Electronic Components Datasheet Search
  English  ▼

X  

AP2337 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2337
Description  1.0A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2337 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2337 Datasheet HTML 1Page - Diodes Incorporated AP2337 Datasheet HTML 2Page - Diodes Incorporated AP2337 Datasheet HTML 3Page - Diodes Incorporated AP2337 Datasheet HTML 4Page - Diodes Incorporated AP2337 Datasheet HTML 5Page - Diodes Incorporated AP2337 Datasheet HTML 6Page - Diodes Incorporated AP2337 Datasheet HTML 7Page - Diodes Incorporated AP2337 Datasheet HTML 8Page - Diodes Incorporated AP2337 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP2337
1.0A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
AP2337
Document number: DS35060 Rev. 2 - 2
1 of 10
www.diodes.com
September 2011
© Diodes Incorporated
Description
The AP2337 is single channel current-limited integrated high-
side power switches optimized for hot-swap applications. The
devices have fast short-circuit response time for improved
overall system robustness and provide a complete protection
solution for application subject to heavy capacitive loads and
the prospect of short circuit. It offers reverse current blocking,
over-current, over-temperature and short-circuit protection,
as well as controlled rise time and under-voltage lockout
functionality.
The device is available in SOT23 package.
Pin Assignments
GND
( Top View )
3 IN
1
OUT 2
SOT23
Features
•
Input voltage range: 2.7V – 5.5V
•
Fast short-circuit response time
•
1.5A accurate current limiting
•
110m
Ω on-resistance
•
Reverse Current Blocking
•
Built-in soft-start with 2.5ms typical turn-on time
•
Over Current Protection
•
Over Voltage Protection
•
Short circuit and thermal protection
•
ESD protection: 3KV HBM, 300V MM
•
Ambient temperature range: -40ºC to 85°C
•
Available in “Green” Molding Compound (No Br, Sb)
•
Lead Free Finish/ RoHS Compliant (Note 1)
•
UL Recognized, File Number E322375 (to be completed)
•
IEC60950-1 CB Scheme Certified (to be completed)
Applications
•
LCD TVs & Monitors
•
Set-Top-Boxes, Residential Gateways
•
Laptops, Desktops, Servers
•
Printers, Docking Stations, HUBs
•
Smart phones, e-Readers
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
Typical Application Circuit
0.1µF
IN
GND
OUT
Power Supply
2.7V to 5.5V
Load
0.1µF


Similar Part No. - AP2337

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
AP2330G10ST SCHNEIDER-AP2330G10ST Datasheet
78Kb / 2P
BUSWAY PLUG-IN STRAIGHT LGTH 10FT 3000A
AP2330G4ST SCHNEIDER-AP2330G4ST Datasheet
63Kb / 2P
BUSWAY PLUG-IN STRAIGHT LENGTH 4FT 3000A
AP2330G8ST SCHNEIDER-AP2330G8ST Datasheet
63Kb / 2P
BUSWAY PLUG-IN STRAIGHT LENGTH 8 FOOT
logo
Advanced Power Electron...
AP2330GN-HF A-POWER-AP2330GN-HF Datasheet
98Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2330GN-HF A-POWER-AP2330GN-HF_14 Datasheet
98Kb / 4P
Simple Drive Requirement
More results

Similar Description - AP2337

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4644 ANALOGICTECH-AAT4644 Datasheet
277Kb / 8P
4-Channel Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4610 AAT-AAT4610 Datasheet
252Kb / 10P
Current Limited Load Switch
2006.09.1.3
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
Current Limited Load Switch
2006.05.1.2
AAT4644 AAT-AAT4644 Datasheet
253Kb / 8P
4-Channel Current Limited Load Switch
4644.2006.05.1.2
logo
Advanced Analogic Techn...
AAT4644 ANALOGICTECH-AAT4644_06 Datasheet
253Kb / 8P
4-Channel Current Limited Load Switch
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
Current Limited Load Switch
logo
Diodes Incorporated
AP2331 DIODES-AP2331 Datasheet
242Kb / 11P
0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
Rev erse-
logo
Unisonic Technologies
US301 UTC-US301 Datasheet
125Kb / 4P
0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
logo
Global Mixed-mode Techn...
G527 GMT-G527 Datasheet
110Kb / 1P
Current Limited Load Switch
G5255 GMT-G5255 Datasheet
75Kb / 1P
Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com