Electronic Components Datasheet Search
  English  ▼

X  

AP6508 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP6508
Description  500kHz 21V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6508 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP6508 Datasheet HTML 1Page - Diodes Incorporated AP6508 Datasheet HTML 2Page - Diodes Incorporated AP6508 Datasheet HTML 3Page - Diodes Incorporated AP6508 Datasheet HTML 4Page - Diodes Incorporated AP6508 Datasheet HTML 5Page - Diodes Incorporated AP6508 Datasheet HTML 6Page - Diodes Incorporated AP6508 Datasheet HTML 7Page - Diodes Incorporated AP6508 Datasheet HTML 8Page - Diodes Incorporated AP6508 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AP6508
500kHz 21V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
AP6508
Document number: DS33437 Rev. 4 - 2
1 of 14
www.diodes.com
July 2011
© Diodes Incorporated
Description
The AP6508 is a 500kHz switching frequency internal
compensated synchronous DCDC buck converter. It has
integrated compensation, and low RDSON high and low side
MOSFETs.
The AP6508 enables continues load current of up to 3A with
efficiency as high as 93%.
The AP6508 features current mode control operation, which
enables fast transient response times and easy loop
stabilization.
The AP6508 has external programmable softstart and a
Power Good indicator enabling sequencing and ramp control.
The AP6508 simplifies board layout and reduces space
requirements with its high level of integration and minimal
need for external components, making it ideal for distributed
power architectures.
The AP6508 is available in a standard Green DFN4030-14
package
with
exposed
PAD
for
improved
thermal
performance and is RoHS compliant.
Pin Assignments
SW
BST
SW
PG
SW
AGND
GND
GND
9
6
5
4
3
2
1
12
13
14
11
10
SW
IN
DFN4030-14
Exposed Pad
(Top View)
SS
VCC
EN
7
FB
8
Features
•
VIN 4.5V to 21V
•
VOUT adjustable to 0.8V
•
500kHz switching frequency
•
Enable pin
•
External Softstart
•
Power Good
•
Protection
o
OCP
o
Thermal Shutdown
•
Lead Free Finish/ RoHS Compliant (Note 1)
Applications
•
Gaming Consoles
•
TV sets and Monitors
•
Set Top Boxes
•
Distributed power systems
•
Home Audio
•
Consumer electronics
Note:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
Typical Application Circuit
Typical Application Circuit
40
50
60
70
80
90
100
0
2
1
3
LOAD CURRENT (A)
Efficiency vs. Load Current
V
= 12V
V
= 5V
IN
IN
V
= 2.5V
OUT


Similar Part No. - AP6508

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6501 DIODES-AP6501 Datasheet
367Kb / 15P
340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
September 2012 Rev. 1 - 2
AP6501S-13 DIODES-AP6501S-13 Datasheet
367Kb / 15P
340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
September 2012 Rev. 1 - 2
AP6501SP-13 DIODES-AP6501SP-13 Datasheet
367Kb / 15P
340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
September 2012 Rev. 1 - 2
AP6502 DIODES-AP6502 Datasheet
412Kb / 12P
340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 2
AP6502 DIODES-AP6502 Datasheet
499Kb / 14P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 10
More results

Similar Description - AP6508

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7263A RICHTEK-RT7263A Datasheet
454Kb / 17P
3A, 21V 500kHz Synchronous Step-Down Converter
RT7263B RICHTEK-RT7263B Datasheet
353Kb / 15P
3A, 21V 500kHz Synchronous Step-Down Converter
RT7263E RICHTEK-RT7263E Datasheet
384Kb / 17P
3A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28253 MPS-MP28253 Datasheet
373Kb / 15P
21V, 3A, 500kHz Synchronous Step-down Converter
MP28266 MPS-MP28266 Datasheet
284Kb / 14P
21V, 3A, 500kHz, Synchronous Step-Down Converter
logo
Fitipower Integrated Te...
FR9806 FITIPOWER-FR9806 Datasheet
942Kb / 12P
21V, 3A, 500KHz Synchronous PWM-Buck DC/DC Converter
FR9808 FITIPOWER-FR9808 Datasheet
1Mb / 13P
21V, 4A, 500KHz Synchronous PWM-Buck DC/DC Converter
FR9809 FITIPOWER-FR9809 Datasheet
1Mb / 13P
21V, 5A, 500KHz Synchronous PWM-Buck DC/DC Converter
logo
AiT Semiconductor Inc.
A7231A AITSEMI-A7231A Datasheet
893Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 3A, 16V SYNCHRONOUS
REV1.0
A7332 AITSEMI-A7332 Datasheet
658Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 28V, 3A, 500kHz, SYNCHRONOUS
REV1.1 - DEC 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com