Electronic Components Datasheet Search
  English  ▼

X  

AP6508 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP6508
Description  500kHz 21V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6508 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP6508 Datasheet HTML 6Page - Diodes Incorporated AP6508 Datasheet HTML 7Page - Diodes Incorporated AP6508 Datasheet HTML 8Page - Diodes Incorporated AP6508 Datasheet HTML 9Page - Diodes Incorporated AP6508 Datasheet HTML 10Page - Diodes Incorporated AP6508 Datasheet HTML 11Page - Diodes Incorporated AP6508 Datasheet HTML 12Page - Diodes Incorporated AP6508 Datasheet HTML 13Page - Diodes Incorporated AP6508 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
AP6508
Document number
Ordering I
Device
AP6508FE
Note:
7. Pad
http
Marking In
Package O
r: DS33437 Rev. 4
nformation
e
Pac
C
E-13
F
layout as shown o
://www.diodes.com
nformation
Outline Dim
50
4 - 2
n
FE
ckage
ode
Pa
(
FE
DFN
n Diodes Inc. sugg
m/datasheets/ap020
n
Part Numb
AP6508F
mensions (
00kHz 21V
ww
AP650
Package
E : DFN4030
ackaging
Note 7)
N4030-14
gested pad layout d
001.pdf.
( Top View
Y W X
XX
ber
P
FE
DF
All Dimensio
3A SYNCH
12 of 14
ww.diodes.com
08 FE - 13
13
Qu
3000/Ta
document AP02001
Y : Y
W : W
w )
X : A
XX : E
z
a
Package
N4030-14
ons in mm)
HRONOUS
Packing
: Tape & Ree
13” T
uantity
ape & Reel
1, which can be fou
Year : 0~9
Week : A~Z
A~Z : Green
E8 : AP6508
z : represen
a~z : 27~52
Identificatio
E8
S DC/DC BU
el
Tape and Reel
Pa
und on our website
: 1~26 wee
n
8
nts 52 and 5
2 week;
on Code
AP
UCK CONV
© Diodes
art Number Su
-13
at
ek;
53
P6508
VERTER
July 2011
s Incorporated
ffix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com