Electronic Components Datasheet Search
  English  ▼

X  

AP7362 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP7362
Description  1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7362 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP7362 Datasheet HTML 4Page - Diodes Incorporated AP7362 Datasheet HTML 5Page - Diodes Incorporated AP7362 Datasheet HTML 6Page - Diodes Incorporated AP7362 Datasheet HTML 7Page - Diodes Incorporated AP7362 Datasheet HTML 8Page - Diodes Incorporated AP7362 Datasheet HTML 9Page - Diodes Incorporated AP7362 Datasheet HTML 10Page - Diodes Incorporated AP7362 Datasheet HTML 11Page - Diodes Incorporated AP7362 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AP7362
1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT
ULTRA-LOW DROPOUT LINEAR REGULATOR
AP7362
Document number: DS35058 Rev. 2 - 2
8 of 13
www.diodes.com
June 2011
© Diodes Incorporated
Application Information
Input Capacitor
A minimum 2.2
μF ceramic capacitor is recommended
between IN and GND pins to decouple input power
supply glitch and noise. The amount of the capacitance
may be increased without limit. Larger input capacitor like
10
μF will provide better load transient response. This
input capacitor must be located as close as possible to
the device to assure input stability and reduce noise. For
PCB layout, a wide copper trace is required for both IN
and GND pins. A lower ESR capacitor type allows the
use of less capacitance, while higher ESR type requires
more capacitance.
Output Capacitor
The output capacitor is required to stabilize and help the
transient response of the LDO. The AP7362 is stable with
any type of capacitor, with no limitations on minimum or
maximum ESR. The device is designed to have excellent
transient response for most applications with a small
amount of output capacitance. The device is also stable
with multiple capacitors in parallel, which can be of any
type of value. Additional capacitance helps to reduce
undershoot and overshoot during transient loads. This
capacitor should be placed as close as possible to OUT
and GND pins for optimum performance.
Adjustable Operation
The AP7362 provides output voltage from 0.6V to 5.0V
through external resistor divider as shown below.
10µF
IN
GND
EN
OUT
Enable
ADJ
R2
R1
10µF
VIN
VOUT
AP7362
Adjustable Output
The output voltage is calculated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
2
R
1
R
1
REF
V
OUT
V
Where VREF=0.6V (the internal reference voltage)
Rearranging the equation will give the following that is
used for adjusting the output to a particular voltage:
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
=
1
REF
V
OUT
V
2
R
1
R
To maintain the stability of the internal reference voltage,
R2 need to be kept smaller than 10kΩ.
No Load Stability
Other than external resistor divider, no minimum load is
required to keep the device stable. The device will remain
stable and regulated in no load condition.
Stability And Phase Margin
Any regulator which operates using a feedback loop must
be compensated in such a way as to ensure adequate
phase margin, which is defined as the difference between
the phase shift and -180 degrees at the frequency where
the loop gain crosses unity (0 dB). For most LDO
regulators, the ESR of the output capacitor is required to
create a zero to add enough phase lead to ensure stable
operation. The AP7362 has an internal compensation
circuit
which
maintains
phase
margin
regardless of the ESR of the output capacitor, any type of
capacitor can be used.
Below two charts show the gain/phase plot of the AP7362
with an output of 1.2V, 10
μF ceramic output capacitor,
delivering 1.5A load current and no load. It can be seen
the phase margin is about 90° (which is very stable).
-120
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
FREQUENCY(Hz)
-80
-60
-40
-20
0
20
40
60
80
100
120
140
100
1k
10k
100k
1M
VIN=2.7V
VOUT=1.2V
IL=1.5A
COUT=10μF CER
GAIN
PHASE
Gain-Bandwidth Plot for 1.5A Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com