Electronic Components Datasheet Search
  English  ▼

X  

AP7362 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP7362
Description  1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7362 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP7362 Datasheet HTML 5Page - Diodes Incorporated AP7362 Datasheet HTML 6Page - Diodes Incorporated AP7362 Datasheet HTML 7Page - Diodes Incorporated AP7362 Datasheet HTML 8Page - Diodes Incorporated AP7362 Datasheet HTML 9Page - Diodes Incorporated AP7362 Datasheet HTML 10Page - Diodes Incorporated AP7362 Datasheet HTML 11Page - Diodes Incorporated AP7362 Datasheet HTML 12Page - Diodes Incorporated AP7362 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AP7362
1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT
ULTRA-LOW DROPOUT LINEAR REGULATOR
AP7362
Document number: DS35058 Rev. 2 - 2
10 of 13
www.diodes.com
June 2011
© Diodes Incorporated
Ordering Information
AP 7362 - XX XX - X
Package
Packing
7 /13 : Tap e & Reel
Blank : ADJ
10 : 1 .0V
Output
12 : 1 .2 V
15 : 1 .5 V
18 : 1 .8 V
25 : 2 .5V
33 : 3 .3V
SP : SO-8EP
HA : U - DFN 203 0-8
Device
Package Code
Packaging
(Note 7)
7”/13” Tape and Reel
Quantity
Part Number Suffix
AP7362-XXHA-7
HA
U-DFN2030-8
3000/Tape & Reel
-7
AP7362-XXSP-13
SP
SO-8EP
2500/Tape & Reel
-13
Notes: 7. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Marking Information
(1) U-DFN2030-8
Y : Year : 0~9
( Top View )
Y W X
XX
XX : Identification Code
X : A~Z : Internal code
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Device
Package
Identification Code
AP7362ADJ
U-DFN2030-8
RA
AP7362-10
U-DFN2030-8
RB
AP7362-12
U-DFN2030-8
RC
AP7362-15
U-DFN2030-8
RD
AP7362-18
U-DFN2030-8
RE
AP7362-25
U-DFN2030-8
RF
AP7362-33
U-DFN2030-8
RG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com