Electronic Components Datasheet Search
  English  ▼

X  

BCX55 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BCX55
Description  NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCX55 Datasheet(HTML) 1 Page - Diodes Incorporated

  BCX55 Datasheet HTML 1Page - Diodes Incorporated BCX55 Datasheet HTML 2Page - Diodes Incorporated BCX55 Datasheet HTML 3Page - Diodes Incorporated BCX55 Datasheet HTML 4Page - Diodes Incorporated BCX55 Datasheet HTML 5Page - Diodes Incorporated BCX55 Datasheet HTML 6Page - Diodes Incorporated BCX55 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BCX 54 / 55 / 56
Datasheet Number: DS35369 Rev. 2 – 2
1 of 7
www.diodes.com
June 2011
© Diodes Incorporated
BCX 54 / 55 / 56
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
Features
•
Ic = 1A Continuous Collector Current
•
Low Saturation Voltage VCE(sat) < 500mV @ 0.5A
•
Gain groups 10 and 16
•
Epitaxial Planar Die Construction
•
Complementary PNP types: BCX51, 52 and 53
•
Lead-Free, RoHS Compliant (Note 1)
•
Halogen and Antimony Free. “Green” Devices (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT89
•
Case Material: Molded Plastic, “Green” Molding
Compound (Note 2)
•
UL Flammability Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish
•
Weight: 0.072 grams (Approximate)
Applications
•
Medium Power Switching or Amplification Applications
•
AF driver and output stages
Ordering Information (Note 3)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
BCX54TA
BA
7
12
1,000
BCX5410TA
BC
7
12
1,000
BCX5416TA
BD
7
12
1,000
BCX55TA
BE
7
12
1,000
BCX5510TA
BG
7
12
1,000
BCX5516TA
BM
7
12
1,000
BCX56TA
BH
7
12
1,000
BCX5610TA
BK
7
12
1,000
BCX5616TA
BL
7
12
1,000
BCX5316TC
BL
13
12
4,000
Notes:
1. No purposefully added lead.
2. Diodes Inc’s “Green” Policy can be found on our website at http://www.diodes.com
3. For packaging details, go to our website http://www.diodes.com
Marking Information
xx = Product Type Marking Code, as follows:
BCX54
= BA
BCX55
= BE
BCX56
= BH
BCX5410 = BC
BCX5510 = BG
BCX5610 = BK
BCX5416 = BD
BCX5516 = BM
BCX5616 = BL
Top View
Device Symbol
Top View
Pin-Out
SOT89
C
E
C
B
C
E
B
xx


Similar Part No. - BCX55

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX55 PHILIPS-BCX55 Datasheet
42Kb / 8P
NPN medium power transistors
Rev. 07 - 4 June 2007
logo
Siemens Semiconductor G...
BCX55 SIEMENS-BCX55 Datasheet
146Kb / 5P
NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Central Semiconductor C...
BCX55 CENTRAL-BCX55 Datasheet
103Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
logo
Infineon Technologies A...
BCX55 INFINEON-BCX55 Datasheet
48Kb / 5P
NPN Silicon AF Transistors
Jul-10-2001
logo
Zetex Semiconductors
BCX55 ZETEX-BCX55 Datasheet
17Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
More results

Similar Description - BCX55

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCX54 ZETEX-BCX54 Datasheet
17Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
BSR40 ZETEX-BSR40 Datasheet
16Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
BSR41 ZETEX-BSR41 Datasheet
16Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
BCX51 DIODES-BCX51 Datasheet
132Kb / 7P
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
Rev 2
BCX56-16TA DIODES-BCX56-16TA Datasheet
231Kb / 6P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
Rev 5
logo
List of Unclassifed Man...
BSR43TA ETC2-BSR43TA Datasheet
27Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
BCX54_55_56 DIODES-BCX54_55_56_15 Datasheet
310Kb / 7P
NPN MEDIUM POWER TRANSISTORS IN SOT89
Rev 6
BCX6825 DIODES-BCX6825_15 Datasheet
263Kb / 6P
20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
BSR40 DIODES-BSR40 Datasheet
27Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
FEBRUARY 1996
BSR41 DIODES-BSR41 Datasheet
26Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
FEBRUARY 1996
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com