Electronic Components Datasheet Search
  English  ▼

X  

BCX55 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # BCX55
Description  NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCX55 Datasheet(HTML) 4 Page - Diodes Incorporated

  BCX55 Datasheet HTML 1Page - Diodes Incorporated BCX55 Datasheet HTML 2Page - Diodes Incorporated BCX55 Datasheet HTML 3Page - Diodes Incorporated BCX55 Datasheet HTML 4Page - Diodes Incorporated BCX55 Datasheet HTML 5Page - Diodes Incorporated BCX55 Datasheet HTML 6Page - Diodes Incorporated BCX55 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BCX 54 / 55 / 56
Datasheet Number: DS35369 Rev. 2 – 2
4 of 7
www.diodes.com
June 2011
© Diodes Incorporated
BCX 54 / 55 / 56
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base
Breakdown Voltage
BCX54
BVCBO
45
-
-
V
IC = 100µA
BCX55
60
BCX56
100
Collector-Emitter
Breakdown Voltage (Note 6)
BCX54
BVCEO
45
-
-
V
IC = 10mA
BCX55
60
BCX56
80
Emitter-Base Breakdown Voltage
BVEBO
5
-
-
V
IE = 10µA
Collector Cut-off Current
ICBO
-
-
0.1
20
µ
A
VCB = 30V
VCB = 30V, TA = 150°C
Emitter Cut-off Current
IEBO
-
-
20
nA
VEB = 4V
Static Forward Current Transfer
Ratio (Note 6)
All versions
hFE
25
40
25
-
-
-
-
250
-
IC = 5mA, VCE = 2V
IC = 150mA, VCE = 2V
IC = 500mA, VCE = 2V
10 gain grp
63
-
160
IC = 150mA, VCE = 2V
16 gain grp
100
-
250
IC = 150mA, VCE = 2V
Collector-Emitter Saturation Voltage (Note 6)
VCE(sat)
-
-
0.5
V
IC = 500mA, IB = 50mA
Base-Emitter Turn-On Voltage (Note 6)
VBE(on)
-
-
1.0
V
IC = 500mA, VCE = 2V
Transition Frequency
fT
150
-
-
MHz
IC = 50mA, VCE = 10V
f = 100MHz
Output Capacitance
Cobo
-
-
25
pF
VCB = 10V, f = 1MHz
Notes:
6. Measured under pulsed conditions. Pulse width
≤ 300µs. Duty cycle ≤ 2%.
0
0.2
0.4
0.6
0.8
0
123
45
V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 1 Typical Collector Current
vs. Collector-Emitter Voltage
Fig. 2 Typical DC Current Gain vs. Collector Current
0
50
100
150
200
250
0.001
0.01
0.1
110
I , COLLECTOR CURRENT (A)
C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com