Electronic Components Datasheet Search
  English  ▼

X  

IR1155S Datasheet(PDF) 2 Page - International Rectifier

Part # IR1155S
Description  PROGRAMMABLE FREQUENCY, ONE CYCLE CONTROL PFC IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1155S Datasheet(HTML) 2 Page - International Rectifier

  IR1155S Datasheet HTML 1Page - International Rectifier IR1155S Datasheet HTML 2Page - International Rectifier IR1155S Datasheet HTML 3Page - International Rectifier IR1155S Datasheet HTML 4Page - International Rectifier IR1155S Datasheet HTML 5Page - International Rectifier IR1155S Datasheet HTML 6Page - International Rectifier IR1155S Datasheet HTML 7Page - International Rectifier IR1155S Datasheet HTML 8Page - International Rectifier IR1155S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
IR1155S
www.irf.com
2
© 2011 International Rectifier
Qualification Information
Industrial
Qualification Level
Comments: This family of ICs has passed JEDEC’s Industrial
qualification.
IR’s Consumer qualification level is granted by
extension of the higher Industrial level.
Moisture Sensitivity Level
MSL2 260°C
(per IPC/JEDEC J-STD-020)
Machine Model
Class A
(per JEDEC standard JESD22-A115)
ESD
Human Body Model
Class 1B (passes 500V)
(per EIA/JEDEC standard EIA/JESD22-A114)
IC Latch-Up Test
Class I, Level A
(per JESD78)
RoHS Compliant
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Remarks
VCC Voltage
VCC
-0.3
20
V
FREQ Voltage
VFREQ
-0.3
6.5
V
ISNS Voltage
VISNS
-10
0.3
V
VFB, OVP Voltage
VFB, VOVP
-0.3
6.5
V
COMP Voltage
VCOMP
-0.3
6.5
V
GATE Voltage
VGATE
-0.3
18
V
ISNS Current
IISNS
-2
2
mA
Junction Temperature
TJ
-40
150
°C
Storage Temperature
TS
-55
150
°C
Thermal Resistance
Junction to Ambient
RθJA
128
°C/W
Package Power Dissipation
PD
976
mW
TAMB = 25°C
Recommended Operating Conditions
Recommended operating conditions for reliable operation with margin
Parameter
Symbol
Min.
Typ.
Max.
Units
Remarks
Supply Voltage
VCC
12
19
V
Junction Temperature
TJ
-25
125
°C
Switching Frequency
FSW
48
200
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com