Electronic Components Datasheet Search
  English  ▼

X  

IR1155S Datasheet(PDF) 3 Page - International Rectifier

Part # IR1155S
Description  PROGRAMMABLE FREQUENCY, ONE CYCLE CONTROL PFC IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1155S Datasheet(HTML) 3 Page - International Rectifier

  IR1155S Datasheet HTML 1Page - International Rectifier IR1155S Datasheet HTML 2Page - International Rectifier IR1155S Datasheet HTML 3Page - International Rectifier IR1155S Datasheet HTML 4Page - International Rectifier IR1155S Datasheet HTML 5Page - International Rectifier IR1155S Datasheet HTML 6Page - International Rectifier IR1155S Datasheet HTML 7Page - International Rectifier IR1155S Datasheet HTML 8Page - International Rectifier IR1155S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
IR1155S
www.irf.com
3
© 2011 International Rectifier
Electrical Characteristics
The electrical characteristics involve the spread of values guaranteed within the specified supply voltage and
junction temperature range TJ from –25 °C to 125°C. Typical values represent the median values, which are
related to 25°C. If not otherwise stated, a supply voltage of V
CC =15V is assumed for test condition.
Supply Section
Parameter
Symbol
Min.
Typ.
Max.
Units
Remarks
VCC Turn On
Threshold
VCC ON
10.65
11.3
11.95
V
VCC Turn Off
Threshold
(Under
Voltage Lock Out)
VCC UVLO
9.2
9.8
10.4
V
VCC Turn On/Off
Hysteresis
VCC HYST
1.5
V
Operating Current
ICC
10
13
mA
Cload=1nF, FSW=181kHz
6
8
mA
Standby Mode
(Inactive Gate,
Inactive Internal Oscillator)
VFB<VOLP
See State Transition Diagram
Startup Current
ICCSTART
175
uA
VCC=VCC ON - 0.1V
Sleep Current
ISLEEP
125
200
uA
Sleep Mode
(Inactive Gate,
Inactive Oscillator)
- VOVP<VSLEEP,OFF
See State Transition Diagram
Sleep Mode
Threshold (Enable)
VSLEEP,ON
0.80
0.90
1.00
V
IC Enable threshold,
Bias on OVP pin
Sleep Mode
Threshold (Disable)
VSLEEP,OFF
0.53
0.60
0.67
V
IC Disable threshold,
Bias on OVP pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com