Electronic Components Datasheet Search
  English  ▼

X  

BA3474F Datasheet(PDF) 13 Page - Rohm

Part # BA3474F
Description  High Speed with High Voltage Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3474F Datasheet(HTML) 13 Page - Rohm

Back Button BA3474F Datasheet HTML 9Page - Rohm BA3474F Datasheet HTML 10Page - Rohm BA3474F Datasheet HTML 11Page - Rohm BA3474F Datasheet HTML 12Page - Rohm BA3474F Datasheet HTML 13Page - Rohm BA3474F Datasheet HTML 14Page - Rohm BA3474F Datasheet HTML 15Page - Rohm BA3474F Datasheet HTML 16Page - Rohm BA3474F Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Technical Note
13/20
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BA3472F,BA3472FV,BA3472FVM,BA3472RFVM,
BA3474F,BA3474FV,BA3474RFV
-100
-80
-60
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
TIME[μs]
INPUT
OUTPUT
-10
0
10
20
30
40
50
1
10
100
1000
10000
FREQUENCY[kHz]
-180
-150
-120
-90
-60
-30
0
PHASE
GAIN
0
2
4
6
8
10
12
14
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE[℃]
36V
30V
15V
5V
3V
0
2
4
6
8
10
12
14
0
5
10
15
20
25
30
35
40
SUPPLY VOLTAGE[V]
-40℃
25℃
105℃
50
60
70
80
90
100
110
120
130
140
150
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE[℃]
10V
30V
36V
40
50
60
70
80
90
100
110
120
130
140
0
5
10
15
20
25
30
35
40
SUPPLY VOLTAGE[V]
-40℃ 25℃
105℃
40
50
60
70
80
90
100
110
120
130
140
150
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE[℃]
5V
30V
36V
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE[℃]
5V
30V
36V
0
20
40
60
80
100
0
5
10
15
20
25
30
35
40
SUPPLY VOLTAGE[V]
-40℃ 25℃
105℃
Fig.86
同相信号除去比-温度特性
Fig.82
入力バイアス電流-温度特性
Fig.83
大振幅電圧利得-電源電圧特性
Fig.84
大振幅電圧利得-温度特性
Fig.85
同相信号除去比-電源電圧特性
Fig.87
スルーレート(L-H)-電源電圧特性
RL=10[kΩ]
Fig.81
入力バイアス電流-電源電圧特性
Fig.88
スルーレート(L-H)-温度特性
RL=10[kΩ]
Fig.89
電圧利得-周波数特性
(VCC/VEE=+15[V]/-15[V],Av=40[dB]
RL=2[kΩ],CL=100[pF],Ta=25[℃])
Fig.90
大信号応答特性
(VCC/VEE=+15[V]/-15[V],Av=0[dB]
RL=2[kΩ],CL=100[pF],Ta=25[℃])
50
60
70
80
90
100
110
120
130
140
150
5
10
1520
2530
3540
SUPPLY VOLTAGE[V]
-40℃
25℃
105℃
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
01
23
45
67
8
TIME[μs]
OUTPUT
INPUT
Fig.91
小信号入出力波形
(VCC/VEE=+15[V]/-15[V],Av=0[dB]
RL=2[kΩ],CL=100[pF],Ta=25[℃])
BA3474R ファミリ
BA3474R ファミリ
BA3474R ファミリ
BA3474R ファミリ
BA3474R ファミリ
BA3474R ファミリ
BA3474R ファミリ
BA3474R ファミリ
BA3474R ファミリ
BA3474R ファミリ
BA3474R ファミリ
●
Reference Data BA3474R family
(
)
(
)
BA3474R family
BA3474R family
BA3474R family
BA3474R family
BA3474R family
BA3474R family
BA3474R family
BA3474R family
BA3474R family
BA3474R family
Fig.82
Input Bias Current - Supply voltage
Fig.83
Input Bias Current - Ambient Temperature
Fig.85
Large Signal Voltage Gain
-Ambient Temperature
Fig.86
Common Mode Rejection Ratio
-Supply Voltage
Fig.87
Common Mode Rejection Ratio
-
Ambient Temperature
Fig.88
Slew Rate L-H - Supply Voltage
(RL=10[kΩ])
Fig.89
Slew Rate L-H - Ambient Temperature
(RL=10[kΩ])
Fig.90
Voltage Gain - Frequency
(VCC=7.5[V]/-7.5[V], Av=40[dB],
RL=2[kΩ],CL=100[pF],Ta=25[℃])
Fig.84
Large Signal Voltage Gain
-
Supply Voltage
BA3474R family
Fig.91
Input / Output Voltage - Time
(VCC/VEE=15[V]/-15[V], Av=0[dB],
RL=2[kΩ],CL=100[pF],Ta=25[℃])
Fig.92
Input / Output Voltage - Time
(VCC/VEE=15[V]/-15[V], Av=0[dB],
RL=2[kΩ],CL=100[pF],Ta=25[℃])
(*)The data above is ability value of sample, it is not guaranteed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com