Electronic Components Datasheet Search
  English  ▼

X  

BA3474F Datasheet(PDF) 8 Page - Rohm

Part # BA3474F
Description  High Speed with High Voltage Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3474F Datasheet(HTML) 8 Page - Rohm

Back Button BA3474F Datasheet HTML 4Page - Rohm BA3474F Datasheet HTML 5Page - Rohm BA3474F Datasheet HTML 6Page - Rohm BA3474F Datasheet HTML 7Page - Rohm BA3474F Datasheet HTML 8Page - Rohm BA3474F Datasheet HTML 9Page - Rohm BA3474F Datasheet HTML 10Page - Rohm BA3474F Datasheet HTML 11Page - Rohm BA3474F Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Technical Note
8/20
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BA3472F,BA3472FV,BA3472FVM,BA3472RFVM,
BA3474F,BA3474FV,BA3474RFV
-5
-4
-3
-2
-1
0
1
2
3
4
5
-20
-15
-10
-5
0
5
10
15
COMMON MODE INPUT VOLTAGE[V]
0
5
10
15
20
25
30
35
40
0
1020
3040
SUPPLY VOLTAGE[V]
0
5
10
15
20
25
30
35
40
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
0
2
4
6
8
10
12
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
0.0
0.2
0.4
0.6
0.8
1.0
0
1020
3040
SUPPLY VOLTAGE[V]
0.0
0.2
0.4
0.6
0.8
1.0
-50 -25
0
25
50
75 100 125 150
AMBIENT TEMPERATURE [℃]
-3
-2
-1
0
1
2
3
0
5
10
15
20
25
30
35
40
SUPPLY VOLTAGE[V]
Fig.24
ディレーティングカーブ
Fig.25
回路電流 - 電源電圧特性
Fig.26
回路電流 - 温度特性
Fig.27
High レベル出力電圧-電源電圧特性
(RL=10[kΩ])
Fig.28
High レベル出力電圧-温度特性
(RL=10[kΩ])
Fig.29
Low レベル出力電圧-電源電圧特性
(RL=10[kΩ])
Fig.30
Low レベル出力電圧-温度特性
(RL=10[kΩ])
Fig.31
出力ソース電流-VCC-VOUT電圧差特性
(VCC/VEE=5[V]/0[V])
Fig.32
出力シンク電流-VOUT-VEE電圧差特性
(VCC/VEE=5[V]/0[V])
Fig.33
入力オフセット電圧-同相入力電圧特性
(VCC/VEE=15[V]/-15[V])
Fig.34
入力オフセット電圧-電源電圧特性
Fig.35
入力オフセット電圧-温度特性
0.1
1.0
10.0
100.0
0
0.5
11.5
22.5
3
VCC-VOUT電圧差[V]
5V
-3
-2
-1
0
1
2
3
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE[℃]
36V
30V
5V
0.1
1.0
10.0
100.0
0 0.5 11.522.5 33.54 4.55
VOUT-VEE電圧差[V]
-40℃
25℃
85℃
3V
30V
36V
5V
36V
3V
30V
5V
3V
30V
36V
0
2
4
6
8
10
12
0
5
10
15
20
25
30
35
40
SUPPLY VOLTAGE [V]
25℃
85℃
-40℃
25℃
85℃
-40℃
-40℃
25℃
85℃
-40℃
25℃
85℃
85℃
25℃
-40℃
85℃
25℃
-40℃
BA3474 ファミリ
BA3474 ファミリ
BA3474 ファミリ
BA3474 ファミリ
BA3474 ファミリ
BA3474 ファミリ
BA3474 ファミリ
BA3474 ファミリ
BA3474 ファミリ
BA3474 ファミリ
BA3474 ファミリ
0
200
400
600
800
1000
0
25
50
75
100
125
AMBIENT TEMPERATURE[℃]
BA3474F
BA3474FV
85
BA3474 ファミリ
BA3474 family
●
Reference Data BA3474 family
BA3474 family
BA3474 family
BA3474 family
BA3474 family
BA3474 family
BA3474 family
BA3474 family
BA3474 family
BA3474 family
Fig.24
Derating Curve
Fig.25
Supply Current - Supply Voltage
Fig.26
Supply Current - Ambient Temperature
Fig.27
High level Output Voltage
- Supply Voltage
(RL=10[kΩ])
Fig.28
High level Output Voltage
- Ambient Temperature
(RL=10[kΩ])
Fig.29
Low level Output Voltage
- Supply Voltage
(RL=10[kΩ])
Fig.30
Low level Output Voltage
-
Ambient Temperature
(RL=10[kΩ])
Fig.31
Output Source Current - (VCC-VOUT)
(VCC/VEE=5[V]/0[V])
Fig.32
Output Source Current - (VOUT-VEE)
(VCC/VEE=5[V]/0[V])
Fig.34
Input Offset Voltage - Supply voltage
Fig.35
Input Offset Voltage -Ambient Temperature
VCC-VOUT [V]
VOUT-VEE [V]
BA3474 family
BA3474 family
Fig.33
Input Offset Voltage
- Common Model Input Voltage
(VCC/VEE=15[V]/-15[V])
(*)The data above is ability value of sample, it is not guaranteed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com