Electronic Components Datasheet Search
  English  ▼

X  

IPA60R165CP Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPA60R165CP
Description  CoolMos Power Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA60R165CP Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPA60R165CP_10 Datasheet HTML 1Page - Infineon Technologies AG IPA60R165CP_10 Datasheet HTML 2Page - Infineon Technologies AG IPA60R165CP_10 Datasheet HTML 3Page - Infineon Technologies AG IPA60R165CP_10 Datasheet HTML 4Page - Infineon Technologies AG IPA60R165CP_10 Datasheet HTML 5Page - Infineon Technologies AG IPA60R165CP_10 Datasheet HTML 6Page - Infineon Technologies AG IPA60R165CP_10 Datasheet HTML 7Page - Infineon Technologies AG IPA60R165CP_10 Datasheet HTML 8Page - Infineon Technologies AG IPA60R165CP_10 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IPA60R165CP
5 Typ. output characteristics
6 Typ. drain-source on-state resistance
I =6W"V =L T [  Y
R =L"`_#6W"I = T [  Y
E6G6B : I: G V @L
E6G6B : I: G V @L
7 Drain-source on-state resistance
8 Typ. transfer characteristics
R =L"`_#6W"T [ I =     V @L 3
I =6W"V @L P
V =Ll7+lI =lR =L"`_#^Ri
E6G6B : I: G T [
eja
21!
0
0.1
0.2
0.3
0.4
0.5
-60
-20
20
60
100
140
180
T j [°C]
Y 
Y 
0
20
40
60
80
100
0
2
4
6
8
10
V GS [V]
  3
 3
  3
 3
 3
3
  3
3
0
10
20
30
40
0
5
10
15
20
25
V DS [V]
 3
  3
 3
  3
 3
3
0
0.2
0.4
0.6
0.8
1
1.2
0
10
20
30
40
50
I D [A]
/ : K  
E6<: 
   



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com