Electronic Components Datasheet Search
  English  ▼

X  

IPA60R165CP Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPA60R165CP
Description  CoolMos Power Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA60R165CP Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPA60R165CP_10 Datasheet HTML 1Page - Infineon Technologies AG IPA60R165CP_10 Datasheet HTML 2Page - Infineon Technologies AG IPA60R165CP_10 Datasheet HTML 3Page - Infineon Technologies AG IPA60R165CP_10 Datasheet HTML 4Page - Infineon Technologies AG IPA60R165CP_10 Datasheet HTML 5Page - Infineon Technologies AG IPA60R165CP_10 Datasheet HTML 6Page - Infineon Technologies AG IPA60R165CP_10 Datasheet HTML 7Page - Infineon Technologies AG IPA60R165CP_10 Datasheet HTML 8Page - Infineon Technologies AG IPA60R165CP_10 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IPA60R165CP
Maximum ratings,
6IT [   YJCA:HHDI=: GL>H: HE: 8>;>:9
Parameter
Symbol Conditions
Unit
DCI>CJDJH9>D9: ;DGL6G9 8
JGG: CI
+#
I L
9
!>D9: EJA
H: 8
JGG: C
,#
I L%af]dV
/*
/ : K: GH: 9>D9: 9v (Ut
.#
Uv (Ut
*.
O(_d
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
1=: GB 6AG: H>HI6C8
:?JC8
I>DC8
6H:
R eYC<
&
,'/.
D(P
R eYC9
]VRUVU
&
&
1)
0 DA
9: G>C< I: B E: G6IJG:
L6K: HDA
9: G>C< DCA
N6A
A
DL: 9 6IA
: 69H
T d`]U
  B B    >C 
;GDB 8
6H: ;DGH
&
&
+/)
u<
Electrical characteristics,
6IT [   YJCA:HHDI=: GL>H: HE: 8>;>: 9
Static characteristics
!G6>CHDJG8
: 7G: 6@9DLC KDA
I6<:
V ";K#=LL V @L3I =  [ 
/))
&
&
O
$ 6I: I=G: H=DA
9 KDA
I6<:
V @L"eY#
V =L6V @L I =   B 
+'.
,
,'.
5: GD <6I: KDA
I6<: 9G6>C 8
JGG: CI
I =LL
V =L  3V @L3
T [   Y
&
&
*
w9
V =L   3V @L3
T [  Y
&
*)
&
$ 6I: HDJG8
: A
: 6@6<: 8
JGG: CI
I @LL
V @L 3V =L3
&
&
*))
_9
!G6>CHDJG8
: DCHI6I: G: H>HI6C8
:
R =L"`_#
V @L 3I =   
T [   Y
&
)'*.
)'*/.
"
V @L 3I =   
T [  Y
&
)'-)
&
$ 6I: G: H>HI6C8
:
R @
f
  * % O DE: C 9G6>C
 
"
Values
1=: GB 6AG: H>HI6C8
:?JC8
I>DC
R^SZV_e
Value
T <   Y
+*
/ : K  
E6<: 
   



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com