Electronic Components Datasheet Search
  English  ▼

X  

IPA60R385CP Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPA60R385CP
Description  CoolMos Power Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA60R385CP Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPA60R385CP_10 Datasheet HTML 2Page - Infineon Technologies AG IPA60R385CP_10 Datasheet HTML 3Page - Infineon Technologies AG IPA60R385CP_10 Datasheet HTML 4Page - Infineon Technologies AG IPA60R385CP_10 Datasheet HTML 5Page - Infineon Technologies AG IPA60R385CP_10 Datasheet HTML 6Page - Infineon Technologies AG IPA60R385CP_10 Datasheet HTML 7Page - Infineon Technologies AG IPA60R385CP_10 Datasheet HTML 8Page - Infineon Technologies AG IPA60R385CP_10 Datasheet HTML 9Page - Infineon Technologies AG IPA60R385CP_10 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IPA60R385CP
9 Typ. gate charge
10 Forward characteristics of reverse diode
V @L6W"Q XReV I =    EJAH: 9
I ?6W"V L=#
E6G6B : I: G V ==
E6G6B : I: G T [
11 Avalanche energy
12 Drain-source breakdown voltage
E 9L6W"T [ I =     V == 3
V ;K"=LL#6W"T [ I =   B 
  Y
 Y
  Y  
 Y  
10
2
10
1
10
0
10
-1
0
0.5
1
1.5
2
V SD [V]
 3
 3
0
2
4
6
8
10
0
5
10
15
20
Q gate [nC]
540
580
620
660
700
-60
-20
20
60
100
140
180
T j [°C]
0
50
100
150
200
250
20
60
100
140
180
T j [°C]
/ : K  
E6<: 
   



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com