Electronic Components Datasheet Search
  English  ▼

X  

IPA60R385CP Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPA60R385CP
Description  CoolMos Power Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA60R385CP Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPA60R385CP_10 Datasheet HTML 1Page - Infineon Technologies AG IPA60R385CP_10 Datasheet HTML 2Page - Infineon Technologies AG IPA60R385CP_10 Datasheet HTML 3Page - Infineon Technologies AG IPA60R385CP_10 Datasheet HTML 4Page - Infineon Technologies AG IPA60R385CP_10 Datasheet HTML 5Page - Infineon Technologies AG IPA60R385CP_10 Datasheet HTML 6Page - Infineon Technologies AG IPA60R385CP_10 Datasheet HTML 7Page - Infineon Technologies AG IPA60R385CP_10 Datasheet HTML 8Page - Infineon Technologies AG IPA60R385CP_10 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IPA60R385CP
CoolMOS
® Power Transistor
Features
V)DL: HI;><JG: D;B : G>I/ HG M . @
V2 A
IG6 A
DL <6I: 8
=6G<:
V" MIG: B : 9K 9IG6I: 9
V% ><= E: 6@8
JGG: CI8
6E67>A
>IN
V. J6A
>;>: 9 for industrial grade applications 68
8
DG9>C< ID ' " !"
*#
V- 7;G: : A
: 69 EA
6I>C< / D% 0 8
DB EA
>6CI; Halogen free mold compound
CoolMOS is specially designed for:
V% 6G9 HL>I8
=>C< 0 * - 0 IDEDA
D<>: H
Maximum ratings,
6IT [   YJCA:HHDI=: GL>H: HE: 8>;>:9
Parameter
Symbol Conditions
Unit
DCI>CJDJH9G6>C 8
JGG: CI
+#
I =
T <   Y
9
T <  Y
- JA
H: 9 9G6>C 8
JGG: CI
,#
I =%af]dV
T <   Y
 K6A
6C8
=: : C: G<N H>C<A
: EJA
H:
E 9L
I =   V == 3
++0
^C
 K6A
6C8
=: : C: G<N G: E: I>I>K: t 9K
,#-#
E 9K
I =   V == 3
 K6A
6C8
=: 8
JGG: CI G: E: I>I>K: t 9K
,#%-#
I 9K
9
* , 0 # " 1 9v (Ut GJ<<: 9C: HH
9v (Ut
V =L  3
O(_d
$ 6I: HDJG8
: KDA
I6<:
V @L
deReZT
O

f   % O
- DL: G9>HH>E6I>DC
P e`e
T <   Y
P
, E: G6I>C< 6C9 HIDG6<: I: B E: G6IJG:
T [ T deX
u<
* DJCI>C< IDGFJ:
*   H8
G: LH

+ 8
B
v,)
,*
   
)',
,
.)
v+)
Value
2')
.'0
+0
V =L  1[%^Ri
/.)
O
R =L"`_#%^Ri@T [   Y
)',1.
"
Q X%eja
*0
_<
Product Summary
Type
Package
Ordering Code
Marking
BI9/)K,1.<I
I@&MH++)
LI))))12,*/
/K,1.I
I@&MH++)
/ : K  
E6<: 
   


Similar Part No. - IPA60R385CP_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA60R385CP INFINEON-IPA60R385CP Datasheet
263Kb / 10P
CoolMOS Power Transistor
Rev. 1.5 2006-01-04
logo
Inchange Semiconductor ...
IPA60R385CP ISC-IPA60R385CP Datasheet
261Kb / 2P
Isc N-Channel MOSFET Transistor
More results

Similar Description - IPA60R385CP_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA06N60C3 INFINEON-SPA06N60C3 Datasheet
202Kb / 10P
CoolMOS Power Transistor
Rev. 1.0 2004-04-27
IPA90R500C3 INFINEON-IPA90R500C3 Datasheet
371Kb / 10P
CoolMOS Power Transistor
Rev. 1.0 2008-07-29
IPA90R800C3 INFINEON-IPA90R800C3 Datasheet
271Kb / 10P
CoolMOS Power Transistor
Rev. 1.0 2008-07-30
IPB60R299CPA INFINEON-IPB60R299CPA Datasheet
441Kb / 11P
CoolMOS Power Transistor
Rev. 2.0 2009-09-09
IPD60R520CP INFINEON-IPD60R520CP Datasheet
653Kb / 10P
CoolMOS Power Transistor
2008-02-15 revision:2.0
IPI60R099CP INFINEON-IPI60R099CP_08 Datasheet
290Kb / 10P
CoolMOS Power Transistor
Rev. 2.0 2008-02-19
IPS50R520CP INFINEON-IPS50R520CP Datasheet
611Kb / 10P
CoolMOS Power Transistor
2008-04-15 revision:2.1
SPA15N65C3 INFINEON-SPA15N65C3 Datasheet
282Kb / 10P
CoolMOS Power Transistor
Rev. 2.0 2008-03-12
SPP24N60CFD INFINEON-SPP24N60CFD_09 Datasheet
545Kb / 12P
CoolMOS Power Transistor
Rev. 1.3 2009-12-01
IPP60R099CPA INFINEON-IPP60R099CPA Datasheet
306Kb / 11P
CoolMOS Power Transistor
Rev. 2.2 2009-11-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com