Electronic Components Datasheet Search
  English  ▼

X  

LTC3675 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3675
Description  7-Channel Confi gurable High Power PMIC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3675 Datasheet(HTML) 3 Page - Linear Technology

  LTC3675 Datasheet HTML 1Page - Linear Technology LTC3675 Datasheet HTML 2Page - Linear Technology LTC3675 Datasheet HTML 3Page - Linear Technology LTC3675 Datasheet HTML 4Page - Linear Technology LTC3675 Datasheet HTML 5Page - Linear Technology LTC3675 Datasheet HTML 6Page - Linear Technology LTC3675 Datasheet HTML 7Page - Linear Technology LTC3675 Datasheet HTML 8Page - Linear Technology LTC3675 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LTC3675
3
3675f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, VOUT5, VOUT6, FB1-6, LED_OV, EN1-4, ENBB,
LED_FS, CT, WAKE, PBSTAT, IRQB, RSTB, ONB,
DVCC, SW5...................................–0.3V to 6V (Static)
LDO_OUT, LDOFB...–0.3V to Lesser of (VIN + 0.3V) or 6V
SCL, SDA .......... –0.3V to Lesser of (DVCC + 0.3V) or 6V
SW1, SW2, SW3, SW4, SWAB6
............................. –0.3V to Lesser of (VIN + 0.3V) or 6V
SWCD6 ............–0.3V to Lesser of (VOUT6 + 0.3V) or 6V
SW7........................................................... –0.3V to 45V
ISW1, ISW2 ................................................................1.4A
ISW3, ISW4 ............................................................700mA
ISW5, ISWAB6, ISWCD6................................................2.4A
ISW7 ............................................................................2A
Operating Junction Temperature Range (Notes 2, 3)
............................................................... –40°C to 125°C
Junction Temperature (Notes 2, 3)........................ 125°C
Storage Temperature Range .................. –65°C to 125°C
(Note 1)
TOP VIEW
45
GND
UFF PACKAGE
44-LEAD (7mm 4mm) PLASTIC QFN
EN1 1
FB1 2
FB2 3
EN2 4
SW1 5
VIN 6
VIN 7
SW2 8
SW3 9
VIN 10
SW4 11
EN3 12
EN4 13
FB4 14
FB3 15
37 ENBB
36 FB6
35 FB5
34 VIN
33 VOUT5
32 SW5
31 VIN
30 LDO_OUT
29 LDOFB
28 ONB
27 LED_FS
26 WAKE
25 PBSTAT
24 IRQB
23 RSTB
TJMAX = 125°C, θJA = 45°C/W
EXPOSED PAD (PIN 45) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3675EUFF#PBF
LTC3675EUFF#TRPBF
3675
44-Lead (7mm
× 4mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com