Electronic Components Datasheet Search
  English  ▼

X  

LTC3675 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC3675
Description  7-Channel Confi gurable High Power PMIC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3675 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC3675 Datasheet HTML 28Page - Linear Technology LTC3675 Datasheet HTML 29Page - Linear Technology LTC3675 Datasheet HTML 30Page - Linear Technology LTC3675 Datasheet HTML 31Page - Linear Technology LTC3675 Datasheet HTML 32Page - Linear Technology LTC3675 Datasheet HTML 33Page - Linear Technology LTC3675 Datasheet HTML 34Page - Linear Technology LTC3675 Datasheet HTML 35Page - Linear Technology LTC3675 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
LTC3675
32
3675f
TYPICAL APPLICATIONS
LTC3675
EXPOSED PAD
2.2μH
2.2μH
2.2μH
2.2μH
0.01μF
I2C
CONTROL
MICROPROCESSOR
CONTROL
PUSH BUTTON
•
•
•
VIN
LDO_OUT
LDOFB
VIN
SW5
VOUT5
FB5
SWAB6
SWCD6
VOUT6
FB6
DVCC
SCL
SDA
IRQB
RSTB
WAKE
PBSTAT
EN1
EN2
EN3
EN4
EN6
CT
ONB
VIN
SW1
FB1
VIN
SW2
FB2
VIN
SW3
FB3
SW4
FB4
SW7
LED1
LED2
LED_OV
LED_FS
3675 F06
•
•
•
UP TO
10 LEDS
324k
649k
324k
649k
1μF
Li-Ion
CELL
2.7V
TO 4.2V
655k
2.5V
1A
309k
1.2V
1A
1.2V
25mA
1.05M
200k
2.2μH
5V, 1A
3.3V, 1A
590k
1.8V
500mA
475k
10μF
4.7μF
50V
511k
1.6V
500mA
511k
10μH
1μF
322k
105k
10μF
22μF
22μF
2.2μH
1.96M
42.2k
20k
1μF
22μF
10μF
10μF
22μF
22μF
10μF
10μF
10μF
10μF
Figure 6. Detailed Front Page Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com