Electronic Components Datasheet Search
  English  ▼

X  

D3C Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D3C
Description  Detection Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3C Datasheet(HTML) 2 Page - Omron Electronics LLC

  D3C Datasheet HTML 1Page - Omron Electronics LLC D3C Datasheet HTML 2Page - Omron Electronics LLC D3C Datasheet HTML 3Page - Omron Electronics LLC D3C Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
46
Detection Switch
D3C
Engineering Data
■ Contact Specifications
Note: Minimum applicable loads are indicated by N standard
reference values. This value represents the failure rate at a
60% (
λ
60) reliability level (JIS C5003).
The equation
λ
60=0.5 x 10
-6/operations indicates that a failure
rate of 1/2,000,000 operations can be expected at a reliability
level of 60%.
■ Switching Timing
■ Contact Form
■ Mounting
All D3C switches may be panel mounted using M1.6 mounting
screws with plane washers or spring washers to securely mount the
switch. Tighten the screws to a torque of 4.9 to 9.8 x 10-2 N·m.
■ PCB Layout (reference)
Dimensions
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.4 mm applies to all dimensions.
Item
Specification
Specification
Slide
Material
Silver plated
Minimum applicable load
(see note)
1 mA at 5 VDC
Non-shorting Model
OP1
(2)
(1)
(3)
(NC)
(NO)
FP
OP2
(2)
(1)
(3)
(NC)
(NO)
P
F1
P
O
OP2
TTP
TTP
Shorting Model
(3)
(1)
(2)
NO COM NC
SPDT
4
±0.1
1.6 dia
5.7
±0.1
M1.6 tap
8
4.2
2.54
2.54
Three, 1 dia. hole
D3C-1210/-2210
D3C-1220/-2220
6
4.7
3.5
2.5 2.5
0.8
4
8
8.7
6.7
0.3
0.9
1.6
4.2
5.6
1
1R
5.7
±0.15
4
±0.15
OP FP
1-dia. hole
1.5
0
–0.15
dia.
1.6
+0.12
0
dia. hole
4.6 max.
Operating
direction (A)
Operating direction (B)
Note: The values for operating characteristics apply for operation in the
A direction (
). The values in parentheses indicate those for
operation in the B direction (
).
Model
Non-shorting Model
Shorting Model
D3C-1210
D3C-1220
D3C-2210
D3C-2220
OF max.
130 gf (100 gf)
40 gf (30 gf)
130 gf (100 gf)
40 gf (30 gf)
RF min.
10 gf (15 gf)
3 g (5 gf)
10 gf (15 gf)
3 g (5 gf)
FP max.
4.8 mm
4.8 mm
OP1
3.5 ± 0.3 mm
3.4 ± 0.3 mm
OP2
2.5 ± 0.3 mm
2.6 ± 0.3 mm
TTP
1.3 ± 0.4 mm
1.3 ± 0.4 mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com