Electronic Components Datasheet Search
  English  ▼

X  

D3C Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D3C
Description  Detection Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3C Datasheet(HTML) 3 Page - Omron Electronics LLC

  D3C Datasheet HTML 1Page - Omron Electronics LLC D3C Datasheet HTML 2Page - Omron Electronics LLC D3C Datasheet HTML 3Page - Omron Electronics LLC D3C Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Detection Switch
D3C
47
Precautions
Be sure to read the precautions and information common to all Snap Action and Detection Switches, contained in the Technical User’s Guide,
“Snap Action Switches, Technical Information” for correct use.
■ Correct Use
Mounting
Turn off the power supply before mounting or removing the switch,
wiring or performing maintenance or inspection. Failure to do so may
result in electric shock or burning.
Mount the switch onto a flat surface. Mounting on an uneven surface
may cause deformation of the switch, resulting in faulty operation or
breakage in the housing.
Application of Operation Force to the Lever
Apply operation forces to the lever in its operating direction. Applying
operating force to the lever in any other directions will damage the
switch or cause malfunction.
Mounting Plate
Use materials other than ABS or polycarbonate for the mounting
plate. Since grease is used within the switch, cracks may be caused
if grease from the switch comes in contact with such materials.
Using Microloads
Using a model for ordinary loads to switch microloads may result in
faulty operation. Instead, use the models that are designed for
microloads and that operate in the following range;
However, even when using microload models within the operating
range shown above, if inrush current or inductive voltage spikes
occur when the contact is opened or closed, then contact wear may
increase and so decrease the service life. Therefore, insert a contact
protection circuit where necessary.
■ Cautions
Terminal Connection
When soldering the lead wire to the terminals, first bind the lead wire
to the terminal and then apply the 60(Sn):40(Pb) solder to the termi-
nals. Complete soldering within 5s at a soldering iron temperature of
260
°C. Soldering at a temperature exceeding 260°C, soldering for
more than 5 s, or repeated soldering will degrade the switch charac-
teristics.
When soldering the lead wire to the PCB terminal, pay careful atten-
tion so that the flux and solder liquid level does not exceed the PCB
level.
It is also recommended that you apply flux guard to the mounting sur-
face of the switch.
Incorrect
Incorrect
Incorrect
Correct
Operating range
Inoperable
range
Current (mA)
0.16 mA
100 mA
1,000
100
1
10
30
24
12
5
0
0.1
1mA
Switch mounting surface



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com