Electronic Components Datasheet Search
  English  ▼

X  

1N60P Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 1N60P
Description  Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N60P Datasheet(HTML) 2 Page - Micro Commercial Components

  1N60P Datasheet HTML 1Page - Micro Commercial Components 1N60P Datasheet HTML 2Page - Micro Commercial Components 1N60P Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics @ 25°C Unless Otherwise Specified
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
1N60
VF
---
0.32
0.5
V
IF=1mA
1N60P
VF
---
0.24
0.5
V
IF=30mA
1N60
VF
---
0.65
1.0
V
Forward voltage
IF=200mA
1N60P
VF
---
0.65
1.0
V
1N60
IR
---
0.1
0.5
μA
Reverse current
VR=15V
1N60P
IR
---
0.5
1.0
μA
VR=1V, f=1MHz
1N60
CJ
---
2.0
---
pF
Junction capacitance
VR=10V, f=1MHz
1N60P
CJ
---
6.0
---
pF
Reverse recovery time
IF=IR=1mA, Irr=1mA
RC=100
Ω
trr
---
---
1.0
ns
Revision: A
2011/01/01
1N60, 1N60P
MCC
TM
Micro Commercial Components
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com