Electronic Components Datasheet Search
  English  ▼

X  

1N60P Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1N60P
Description  Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N60P Datasheet(HTML) 1 Page - Micro Commercial Components

  1N60P Datasheet HTML 1Page - Micro Commercial Components 1N60P Datasheet HTML 2Page - Micro Commercial Components 1N60P Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N60
1N60P
Schottky Barrier
Rectifier
Features
•
High Reliability
•
Low Reverse Current and Low Forward Voltage
Maximum Ratings
•
Storage &Operating JunctionTemperature: -65
℃ to +125℃
Electrical Characteristics @ 25°C Unless Otherwise Specified
Parameter
Symbol
Type
Value
Test Condition
1N60
40V
Repetitive
Peak Reverse
Voltage
VRRM
1N60P
45V
1N60
30mA
Ta = 25
℃
Average
Forward
Current
IF(AV)
1N60P
50mA
Ta = 25
℃
1N60
150mA
tp
≦1s
Peak Forward
Surge Current
IFSM
1N60P
500mA
tp
≦1s
Junction
Ambient
RthJA
250K/W
On PC board
50mm
×50mm
×1.6mm
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
DO-35
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.166
---
4.2
B
---
.079
---
2.00
C
---
.020
---
.52
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
Revision: A
2011/01/01
TM
Micro Commercial Components
•
Marking : Cathode band and type number
www.mccsemi.com
1 of 3
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. Lead in Glass Exemption Applied, see EU Directive Annex 5.
•
Moisture Sensitivity Level 1


Similar Part No. - 1N60P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N60P SEMTECH-1N60P Datasheet
88Kb / 2P
POINT CONTACT GERMANIUM DIODE
logo
Formosa MS
1N60P FORMOSA-1N60P Datasheet
80Kb / 2P
Schottky Barrier Diode
logo
DAESAN ELECTRONIC CORP.
1N60P DAESAN-1N60P Datasheet
310Kb / 2P
GERMANIUM DIODES
logo
Galaxy Semi-Conductor H...
1N60P BILIN-1N60P Datasheet
139Kb / 2P
SMALL SIGNAL SCHOTTKY DIODES
logo
Dc Components
1N60P DCCOM-1N60P Datasheet
62Kb / 2P
TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY DIODES
More results

Similar Description - 1N60P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com