Electronic Components Datasheet Search
  English  ▼

X  

GP1A52LR Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1A52LR
Description  OPIC Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A52LR Datasheet(HTML) 2 Page - Sharp Corporation

  GP1A52LR Datasheet HTML 1Page - Sharp Corporation GP1A52LR Datasheet HTML 2Page - Sharp Corporation GP1A52LR Datasheet HTML 3Page - Sharp Corporation GP1A52LR Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GP1A52LR
Parameter
Symbol
Operating temp.
MIN.
MAX.
Unit
Low level output current
IOL
Ta = 0 to + 70˚C
-
16.0
mA
Forward current
IF
10.0
20.0
mA
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF = 5mA
-
1.1
1.4
V
Reverse current
IR
V R = 3V
-
-
10.0
µA
Output
VCC
4.5
-
17.0
V
Low level output voltage
VOL
-
0.15
0.4
V
High level output voltage
VOH
4.9
-
-
V
Low level supply current
ICCL
-
1.7
3.8
mA
High level supply current
I CCH
-
0.7
2.2
mA
Transfer
charac-
teristics
threshold input current
*3 “High
→Low”
I FHL
V CC = 5V
-
1.0
5.0
mA
*4 Hysteresis
I FLH /I FHL V CC = 5V
0.55
0.75
0.95
“ High
→Low”
t PHL
V CC = 5V, I F = 5mA
RL = 280
Ω
−
3.0
9.0
µ s
“ Low
→High”
t PLH
-
5.0
15.0
Rise time
t r
-
0.1
0.5
Fall time
tf
-
0.05
0.5
s Electro-optical Characteristics
(Ta = 25˚C )
*3 I
*4 I
Hysteresis stands for IFLH /I FHL .
V CC = 5V, I F= 0mA
V CC = 5V, I F= 5mA
V CC = 5V, I F= 0mA
propagation delay time
propagation dealy time
s Recommended Operating Conditions
0
10
20
30
40
50
60
100
75
50
25
0
85
-25
-25
85
0
25
50
75
100
300
250
200
150
100
50
0
Fig. 1 Forward Current vs. Ambient
Temperature
Ambient temperature Ta (˚C)
Fig. 2 Output Power Dissipation vs.
Ambient Temperature
Ambient temperature Ta (˚C)
Operating supply voltage
VCC = 5V, I F= 5mA, I OL= 16mA
FHL
FLH
represents forward current when output changes from high to low.
represents forward current when output changes from low to high.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com