Electronic Components Datasheet Search
  English  ▼

X  

GP1A52LR Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP1A52LR
Description  OPIC Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A52LR Datasheet(HTML) 4 Page - Sharp Corporation

  GP1A52LR Datasheet HTML 1Page - Sharp Corporation GP1A52LR Datasheet HTML 2Page - Sharp Corporation GP1A52LR Datasheet HTML 3Page - Sharp Corporation GP1A52LR Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GP1A52LR
0.2
0.1
0
0.3
0.4
0.5
5
2
0.5
10
1
0.2
10%
90%
50%
1.5V
Input
Output
Input
47
Ω
Voltage regulator
Amp.
+ 5V
Output
0.01
µ F
280
Ω
Test Circuit for Response Time
5V
10V
3.0
2.5
0.5
0
1.0
1.5
2.0
100
75
50
25
0
-25
10V
5V
60
6
8
4
10
2
12
10
20
30
0
40
50
0
0.8
0.7
0.6
20
50
0.1
GND
VCC= 17V
I CCL
VCC = 17V
I CCH
Ambient temperature Ta (˚C)
Forward current I F ( mA )
Fig.11 Rise Time, Fall Time vs.
Load Resistance
Load resistance R L ( k Ω )
tr
tf
IF = 5mA
tr=tf=0.01 µ s
=50
Ω
t
t
VOH
VOL
tf
tr
Fig. 9 Supply Current vs.
Ambient Temperature
Fig.10 Propagation Delay Time vs.
Forward Current
s Precautions for Use
Ethyl alcohol, Methyl alcohol, Isopropyl alcohol
V CC =5V
RL = 280Ω
T a= 25˚C
T a = 25˚C
VCC =5V
I F= 5mA
t PLH
t PHL
( 1) In case of cleaning, use only the following type of cleaning solvent.
( 2) In order to stabilize power supply line, connect a by-pass capacitor of more than 0.01
µF
between Vcc and GND near the device.
(15k
Ω)
Zo
PHL
PLH
( 3) As for other general cautions refer to the chapter “Precautions for Use .
”



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com