Electronic Components Datasheet Search
  English  ▼

X  

BD6701F Datasheet(PDF) 2 Page - Rohm

Part # BD6701F
Description  Silicon Monolithic Integrated Circuit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6701F Datasheet(HTML) 2 Page - Rohm

  BD6701F Datasheet HTML 1Page - Rohm BD6701F Datasheet HTML 2Page - Rohm BD6701F Datasheet HTML 3Page - Rohm BD6701F Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/3
REV. C
〇ELECTRICAL CHARACTERISTICS (Unless otherwise specified Ta=25℃,Vcc=12V)
Parameter
Symbol
Limit
Unit
Conditions
Min.
Typ.
Max.
Circuit current
Icc
3
6
9
mA
Hall input offset voltage
VHofs
-10
-
10
mV
Hall input hysteresis
Vhys
±5
±10
±15
mV
Output L voltage
VOL
-
0.30
0.50
V
Io=200mA
Output leak current
IOL
-
-
100
μA
Vo=45V
Output zenner voltage
VOZ
50
54
58
V
Clamp current=10mA
Lock detection ON time
TON
0.30
0.50
0.70
sec
Lock detection OFF time
TOFF
3.0
5.0
7.0
sec
AL terminal voltage L
VALL
-
-
0.4
V
IAL=5mA
AL terminal leak current
IALL
-
-
50
μA
VAL=36V
FG terminal voltage L
VFGL
-
-
0.4
V
IFG=5mA
FG terminal leak current
IFGL
-
-
50
μA
VFG=36V
〇PACKAGE OUTLINES
〇BLOCK DIAGRAM
〇Terminal name
Pin No.
Terminal
name
1
OUT2
2
AL
3
FG
4
Vcc
5
H+
6
H-
7
OUT1
8
GND
0.15
±0.1
0.4
±0.1
5.0
±0.2
85
4
1
1.27
0.1
6701
Lot No.
SOP 8(UNIT:mm)
Control
TSD
REG
HALL
AMP
1
2
3
4
8
7
6
5
-
+
Pre Drive
Lock
Detect
Auto
Restart
OSC
OUT2
AL
FG
Vcc
H+
H-
OUT1
GND



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com