Electronic Components Datasheet Search
  English  ▼

X  

BD6701F Datasheet(PDF) 1 Page - Rohm

Part # BD6701F
Description  Silicon Monolithic Integrated Circuit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6701F Datasheet(HTML) 1 Page - Rohm

  BD6701F Datasheet HTML 1Page - Rohm BD6701F Datasheet HTML 2Page - Rohm BD6701F Datasheet HTML 3Page - Rohm BD6701F Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
REV. C
STRUCTURE
Silicon Monolithic Integrated Circuit
PRODUCT SERIES
2-Phase Half-Wave Motor Driver for Fan Motor
TYPE
BD6701F
FEATURES
Built - in reverse current protection diode
〇ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Limit
Unit
Supply voltage
Vcc
36
V
Power dissipation
Pd
780*
mW
Operating temperature range
Topr
-40~+100
℃
Storage temperature range
Tstg
-55~+150
℃
Output current
Iomax
800**
mA
AL signal output current
IAL
10
mA
AL signal output voltage
VAL
36
V
FG signal output current
IFG
10
mA
FG signal output voltage
VFG
36
V
Junction temperature
Tjmax
150
℃
*
To use at temperature above Ta=25℃ reduce 6.24mW/℃.
(On 70.0mm×70.0mm×1.6mm glass epoxy board)
** This value is not to be over Pd.
〇OPERATING CONDITIONS
Parameter
Symbol
Limit
Unit
Operating supply voltage range
Vcc
6.0~28.0
V
Hall input voltage range
VH
0~Vcc-3.0
V
*This product is not designed for production against radioactive rays.


Similar Part No. - BD6701F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6701F ROHM-BD6701F Datasheet
225Kb / 5P
2-Phase Half-Wave Motor Driver for Fan Motor
BD6701F ROHM-BD6701F Datasheet
518Kb / 17P
Two-phase Full-wave DC Brushless Fan Motor Drivers
BD6701F ROHM-BD6701F_12 Datasheet
518Kb / 17P
Two-phase Full-wave DC Brushless Fan Motor Drivers
More results

Similar Description - BD6701F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3485FS ROHM-BD3485FS Datasheet
331Kb / 6P
Silicon Monolithic Integrated Circuit
BD3538F ROHM-BD3538F Datasheet
373Kb / 6P
Silicon Monolithic Integrated Circuit
BD3538HFN ROHM-BD3538HFN Datasheet
383Kb / 6P
Silicon Monolithic Integrated Circuit
BD6081GU ROHM-BD6081GU_1 Datasheet
336Kb / 5P
Silicon Monolithic Integrated Circuit
BD6586MUV ROHM-BD6586MUV Datasheet
154Kb / 5P
Silicon Monolithic Integrated Circuit
BD6736FV ROHM-BD6736FV Datasheet
203Kb / 5P
Silicon Monolithic Integrated Circuit
BD6962FVM ROHM-BD6962FVM Datasheet
274Kb / 4P
Silicon Monolithic Integrated Circuit
BD9215AFV ROHM-BD9215AFV Datasheet
184Kb / 5P
Silicon Monolithic Integrated Circuit
BD9240FV ROHM-BD9240FV Datasheet
169Kb / 5P
Silicon Monolithic Integrated Circuit
BD9244AFV ROHM-BD9244AFV Datasheet
192Kb / 5P
Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com