Electronic Components Datasheet Search
  English  ▼

X  

GP1A57 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1A57
Description  Wide Gap Type OPIC Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A57 Datasheet(HTML) 2 Page - Sharp Corporation

  GP1A57 Datasheet HTML 1Page - Sharp Corporation GP1A57 Datasheet HTML 2Page - Sharp Corporation GP1A57 Datasheet HTML 3Page - Sharp Corporation GP1A57 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GP1A57HR
(Ta = 25˚C )
Paramerter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF = 7mA
-
1.1
1.4
V
Reverse current
IR
V R =3V
-
-
10.0
µ A
Output
V CC
4.5
-
17.0
V
Low level output voltage
V OL
-
0.15
0.4
V
High level output voltage
V OH
V CC = 5V, I F = 7mA
4.9
-
-
V
ICCL
V CC = 5V, I F =0
-
1.7
3.8
mA
High level supply current
I CCH
V CC = 5V, I F = 7mA
-
0.7
2.2
mA
Transfer
charac-
teristics
*3 “ Low
→High”
threshold input current
I FLH
V CC =5V
-
1.0
7.0
mA
*4 Hysteresis
V CC =5V
0.55
0.75
0.95
-
“ Low
→High”
V CC = 5V, I F = 7mA
R = 280
Ω
3.0
9.0
“ High
→Low”
t PHL
-
-
5.0
15.0
Rise time
t r
-
0.1
0.5
Fall time
tf
-
0.05
0.5
*3 I FLH represents forward current when output changes from low to high.
Hysteresis stands for IFHL /I FLH .
Low level supply current
VCC = 5V, I F = 0, I OL = 16mA
t PLH
*4 I FHL represents forward current when output changes from high to low.
0
10
20
30
40
50
60
100
75
50
25
0
85
-25
-25
85
0
25
50
75
100
300
250
200
150
100
50
0
Fig. 1 Forward Current vs. Ambient
Temperature
Fig. 2 Output Power Dissipation vs.
Ambient Temperature
Ambient temperature Ta (˚C)
Ambient temperature Ta (˚C)
s Electro-optical Characteristics
Operating supply voltage
IFHL /I FLH
propagation delay time
propagation delay time
L
µ s



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com